Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C027V-15AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C027V-15AXC
Description  3.3V 32K/64K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027V-15AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C027V-15AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C027V/027VN/027AV/028V
CY7C037V/037AV/038V
Document #: 38-06078 Rev. *B
Page 5 of 18
generated to the owner. The interrupt is reset when the owner
reads the contents of the mailbox. The message is user defined.
Each port can read the other port’s mailbox without resetting the
interrupt. The active state of the busy signal (to a port) prevents
the port from setting the interrupt to the winning port. Also, an
active busy to a port prevents that port from reading its own
mailbox and, thus, resetting the interrupt to it.
If an application does not require message passing, do not
connect the interrupt pin to the processor’s interrupt request
input pin.
The operation of the interrupts and their interaction with Busy are
summarized in Table 2.
Busy
The
CY7C027V/027VN/027AV/028V
and
CY7037V/037AV/038V provide on-chip arbitration to resolve
simultaneous memory location access (contention). If both ports’
CEs are asserted and an address match occurs within tPS of each other,
the busy logic determines which port has access. If tPS is violated, one
port definitely gains permission to the location, but it is not predictable
which port gets that permission. BUSY is asserted tBLA after an address
match or tBLC after CE is taken LOW.
Master/Slave
A M/S pin is provided to expand the word width by configuring the
device as either a master or a slave. The BUSY output of the master is
connected to the BUSY input of the slave. This allows the device to
interface to a master device with no external components. Writing to
slave devices must be delayed until after the BUSY input has settled
(tBLC or tBLA), otherwise, the slave chip may begin a write cycle during
a contention situation. When tied HIGH, the M/S pin allows the device
to be used as a master and, therefore, the BUSY line is an output. BUSY
can then be used to send the arbitration outcome to a slave.
Semaphore Operation
The
CY7C027V/027VN/027AV/028V
and
CY7037V/037AV/038V provide eight semaphore latches, which
are separate from the dual-port memory locations. Semaphores
are used to reserve resources that are shared between the two
ports.The state of the semaphore indicates that a resource is in
use. For example, if the left port wants to request a given
resource, it sets a latch by writing a zero to a semaphore location.
The left port then verifies its success in setting the latch by
reading it. After writing to the semaphore, SEM or OE must be
deasserted for tSOP before attempting to read the semaphore. The
semaphore value is available tSWRD + tDOE after the rising edge of the
semaphore write. If the left port was successful (reads a zero), it
assumes control of the shared resource, otherwise (reads a one) it
assumes the right port has control and continues to poll the semaphore.
When the right side has relinquished control of the semaphore (by
writing a one), the left side succeeds in gaining control of the
semaphore. If the left side no longer requires the semaphore, a one is
written to cancel its request.
Semaphores are accessed by asserting SEM LOW. The SEM pin
functions as a chip select for the semaphore latches (CE must remain
HIGH during SEM LOW). A0–2 represents the semaphore address. OE
and R/W are used in the same manner as a normal memory access.
When writing or reading a semaphore, the other address pins have no
effect.
When writing to the semaphore, only I/O0 is used. If a zero is written
to the left port of an available semaphore, a one appears at the same
semaphore address on the right port. That semaphore can now only be
modified by the side showing zero (the left port in this case). If the left
port now relinquishes control by writing a one to the semaphore, the
semaphore is set to one for both sides. However, if the right port had
requested the semaphore (written a zero) while the left port had control,
the right port would immediately own the semaphore as soon as the left
port released it. Table 3 shows sample semaphore operations.
When reading a semaphore, all sixteen/eighteen data lines
output the semaphore value. The read value is latched in an
output register to prevent the semaphore from changing state
during a write from the other port. If both ports attempt to access
the semaphore within tSPS of each other, the semaphore is definitely
obtained by one side or the other, but there is no guarantee which side
controls the semaphore.
[+] Feedback


Similar Part No. - CY7C027V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C027V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com