Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXM3519ER Datasheet(PDF) 9 Page - Sony Corporation

Part # CXM3519ER
Description  SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3519ER Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXM3519ER Datasheet HTML 5Page - Sony Corporation CXM3519ER Datasheet HTML 6Page - Sony Corporation CXM3519ER Datasheet HTML 7Page - Sony Corporation CXM3519ER Datasheet HTML 8Page - Sony Corporation CXM3519ER Datasheet HTML 9Page - Sony Corporation CXM3519ER Datasheet HTML 10Page - Sony Corporation CXM3519ER Datasheet HTML 11Page - Sony Corporation CXM3519ER Datasheet HTML 12Page - Sony Corporation CXM3519ER Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CXM3519ER
- 9 -
Electrical Characteristics (Recommended Circuit 1 (SP9T))
(VDD = 2.65V, Vctl = 1.80V, Ta = 25°C)
Electrical characteristics are measured with all RF ports terminated in 50
Ω and recommended circuit 1 (SP9T).
*1
TRx port: +20dBm, 835MHz,
Ant port: –15dBm, 45MHz
*2
TRx port: +20dBm, 835MHz,
Ant port: –15dBm, 1715MHz
*3
TRx port: +20dBm, 1880MHz,
Ant port: –15dBm, 80MHz
*4
TRx port: +20dBm, 1880MHz,
Ant port: –15dBm, 3840MHz
*5
TRx port: +20dBm, 1950MHz,
Ant port: –15dBm, 190MHz
*6
TRx port: +20dBm, 1950MHz,
Ant port: –15dBm, 4090MHz
*7
TRx port: +20dBm, 835MHz,
Ant port: –15dBm, 790MHz
*8
TRx port: +20dBm, 835MHz,
Ant port: –15dBm, 2550MHz
*9
TRx port: +20dBm, 1880MHz,
Ant port: –15dBm, 1800MHz
*10 TRx port: +20dBm, 1880MHz,
Ant port: –15dBm, 5720MHz
*11 TRx port: +20dBm, 1950MHz,
Ant port: –15dBm, 1760MHz
*12 TRx port: +20dBm, 1950MHz,
Ant port: –15dBm, 6040MHz
Item
Symbol
Path
Conditions
Min.
Typ.
Max.
Unit
Intermodulation
distortion level
in Rx band
IMD2
TRx1-Ant
TRx: 835MHz
State7
Ant: 45MHz *1
–119
–105
dBm
Ant: 1715MHz *2
–118
–105
TRx: 1880MHz
State7
Ant: 80MHz *3
–108
–103
Ant: 3840MHz *4
–110
–105
TRx: 1950MHz
State7
Ant: 190MHz *5
–108
–103
Ant: 4090MHz *6
–117
–105
TRx2-Ant
TRx: 835MHz
State8
Ant: 45MHz *1
–119
–105
Ant: 1715MHz *2
–117
–105
TRx: 1880MHz
State8
Ant: 80MHz *3
–107
–102
Ant: 3840MHz *4
–107
–102
TRx: 1950MHz
State8
Ant: 190MHz *5
–109
–104
Ant: 4090MHz *6
–116
–105
TRx3-Ant
TRx: 835MHz
State9
Ant: 45MHz *1
–118
–105
Ant: 1715MHz *2
–117
–105
TRx: 1880MHz
State9
Ant: 80MHz *3
–106
–101
Ant: 3840MHz *4
–110
–105
TRx: 1950MHz
State9
Ant: 190MHz *5
–107
–102
Ant: 4090MHz *6
–118
–105
IMD3
TRx1-Ant
TRx: 835MHz
State7
Ant: 790MHz *7
–108
–103
Ant: 2550MHz *8
–110
–105
TRx: 1880MHz
State7
Ant: 1800MHz *9
–107
–102
Ant: 5720MHz *10
–112
–105
TRx: 1950MHz
State7
Ant: 1760MHz *11
–107
–102
Ant: 6040MHz *12
–115
–105
TRx2-Ant
TRx: 835MHz
State8
Ant: 790MHz *7
–106
–101
Ant: 2550MHz *8
–110
–105
TRx: 1880MHz
State8
Ant: 1800MHz *9
–105
–100
Ant: 5720MHz *10
–110
–105
TRx: 1950MHz
State8
Ant: 1760MHz *11
–105
–100
Ant: 6040MHz *12
–112
–105
TRx3-Ant
TRx: 835MHz
State9
Ant: 790MHz *7
–108
–103
Ant: 2550MHz *8
–110
–105
TRx: 1880MHz
State9
Ant: 1800MHz *9
–105
–100
Ant: 5720MHz *10
–106
–101
TRx: 1950MHz
State9
Ant: 1760MHz *11
–105
–100
Ant: 6040MHz *12
–110
–105


Similar Part No. - CXM3519ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3513ER SONY-CXM3513ER Datasheet
183Kb / 7P
   High Power DP3T Switch with Logic Control
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
More results

Similar Description - CXM3519ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3540XR SONY-CXM3540XR Datasheet
177Kb / 7P
   High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com