Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG7003FN Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG7003FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG7003FN Datasheet(HTML) 5 Page - Sony Corporation

  CXG7003FN Datasheet HTML 1Page - Sony Corporation CXG7003FN Datasheet HTML 2Page - Sony Corporation CXG7003FN Datasheet HTML 3Page - Sony Corporation CXG7003FN Datasheet HTML 4Page - Sony Corporation CXG7003FN Datasheet HTML 5Page - Sony Corporation CXG7003FN Datasheet HTML 6Page - Sony Corporation CXG7003FN Datasheet HTML 7Page - Sony Corporation CXG7003FN Datasheet HTML 8Page - Sony Corporation CXG7003FN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
– 5 –
CXG7003FN
3. Antenna Switch Receiver Block + Low Noise Down Conversion Mixer Block
These specifications are common to the ANT1 reception and ANT2 reception.
Unless otherwise specified: VDD = 3V, RF1 = 1.90GHz/–35dBm, LO = 1.66GHz/–15dBm
When ANT1 reception: VCTL1 = 0V, VCTL2 = 3V
When ANT2 reception: VCTL1 = 3V, VCTL2 = 0V
(Ta = 25°C)
Unit
Max.
7.5
5.5
–40
Typ.
5.5
19.5
4.4
–12
40
47
45
65
–50
Min.
17
–17
25
41
39
34
Item
Current consumption
Conversion gain
Noise figure
Input IP3
Image suppression ratio
1/2 IF suppression ratio
2
× LO–IF suppression ratio
2
× LO+IF suppression ratio
LO to ANT leak
When no signal
When a small signal
When a small signal
1
RF2 = 1.42GHz/–35dBm
RF2 = 1.78GHz/–35dBm
RF2 = 3.08GHz/–35dBm
RF2 = 3.56GHz/–35dBm
Measurement conditions
mA
dB
dB
dBm
dBc
dBc
dBc
dBc
dBm
Symbol
IDD
GC
NF
IIP3
IMR
1/2IFR
PLK
1 Conversion from IM3 suppression ratio during RF1 = 1.9000GHz/–35dBm and RF2 = 1.9006GHz/–35dBm input.


Similar Part No. - CXG7003FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results

Similar Description - CXG7003FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
   Low Noise Down Conversion Mixer for PHS
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
   1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
   Power Amplifier for PHS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com