Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC5605 Datasheet(PDF) 3 Page - Texas Instruments

Part No. UC5605
Description  9-Line Low Capacitance SCSI Active Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5605 Datasheet(HTML) 3 Page - Texas Instruments

  UC5605 Datasheet HTML 1Page - Texas Instruments UC5605 Datasheet HTML 2Page - Texas Instruments UC5605 Datasheet HTML 3Page - Texas Instruments UC5605 Datasheet HTML 4Page - Texas Instruments UC5605 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr Supply Current
All termination lines = Open
17
23
mA
All termination lines = 0.5V
200
225
mA
Power Down Mode
DISCNCT = 0V
100
150
µA
Output Section (Termination Lines)
Terminator Impedance
∆ILINE = -5mA to -15mA
104.5
110
115.5
Ohms
Output High Voltage
TRMPWR = 4V
2.65
2.9
3.1
V
Max Output Current
VLINE = 0.5V
TJ = 25
°C
-20.3
-21.5
-22.4
mA
0°C < TJ < 70°C
-19.8
-21.5
-22.4
mA
Max Output Current
VLINE = 0.5V, TRMPWR = 4V (Note 1)
TJ = 25
°C
-19.5
-21.5
-22.4
mA
0°C < TJ < 70°C
-19.0
-21.5
-22.4
mA
VLINE = 0.2V, TRMPWR = 4.0V to 5.25V 0°C < TJ < 70°C
–21.6
–24.0
–25.4
mA
Output Leakage
DISCNCT = 0V
TRMPWR = 0V to 5.25V
REG = 0V
VLINE = 0 to 4V
10
400
nA
VLINE = 5.25V
100
µA
REG = Open
VLINE = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 0V (Note 2) (DP Package)
5
6
pF
Regulator Section
Regulator Output Voltage
2.7
2.9
3.1
V
All Termination Lines = 4V
2.7
2.9
3.1
V
Line Regulation
TRMPWR = 4V to 6V
10
20
mV
Drop Out Voltage
All Termination Lines = 0.5V
1.0
1.2
V
Short Circuit Current
REG = 0V
-200
-400
-600
mA
Sinking Current Capability
REG = 3.5V
75
100
400
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold
1.1
1.4
1.7
V
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 4.75V, DISCNCT = 2.4V, TA = TJ.
UC5605
Note 1: Measuring each termination line while other 8 are low.
Note 2: Guaranteed by design. Not 100% tested in production.
Figure 1: Typical SCSI Bus Configurations Utilizing 2 UC5605 Devices
APPLICATION INFORMATION
UDG-94123
3


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
UC5604 9-Line Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments
UC5612 9-Line Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments
UC5613 9-Line Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments
UCC5614 9-Line 3-5 Volt Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments
UC5609 18-Line Low Capacitance SCSI Active Terminator 1  2  3  4  Texas Instruments
REG5608 LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR 1  2  3  4  5  Burr-Brown (TI)
UCC5610 18-Line 3-5 Volt Low Capacitance SCSI Active Terminator 1  2  3  4  5  Texas Instruments
LX5107 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  5  Microsemi Corporation
LX5211 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  Microsemi Corporation
LX5212 9-LINE LOW CAPACITANCE μPOWER SCSI TERMINATOR 1  2  3  4  Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn