Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-RC70LFT6K8DB Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # RC-RC70LFT6K8DB
Description  Precision Metal Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RC-RC70LFT6K8DB Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  RC-RC70LFT6K8DB Datasheet HTML 1Page - IRC - a TT electronics Company. RC-RC70LFT6K8DB Datasheet HTML 2Page - IRC - a TT electronics Company. RC-RC70LFT6K8DB Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RC Series Issue December 2008 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Metal Film Resistor
Table of Resistance Restrictions
Tolerance
TCR
ppm/°C
RC55
RC65
RC70
0.05%
0.1 - 0.25%
0.5 - 1%
0.05%
0.1 - 0.25%
0.5 - 1%
0.05%
0.1 - 0.25%
0.5 - 1%
5
10 to 500K 10 to 500K
1 to 500K
10 to 500K 10 to 500K
1 to 500K 10 to 750K 10 to 750K
1 to 750K
10
10 to 1M
10 to 1M
1 to 1M
10 to 1M
10 to 1M
1 to 1M
10 to 1M
10 to 1M
1 to 1M
15
10 to 1M
5 to 1M
1 to 1M
10 to 1M
5 to 1M
1 to 1M
10 to 1M
10 to 2M
1 to 2M
25
10 to 1M
5 to 2M
1 to 2M
10 to 1M
5 to 2M
1 to 2M
10 to 1M
10 to 5M
1 to 5M
50
10 to 1M
5 to 2M
1 to 4M
10 to 1M
5 to 2M
1 to 4M
10 to 1M
5 to 10M
1 to 10M
100
10 to 1M
1 to 2M
1 to 4M
10 to 1M
1 to 2M
1 to 4M
10 to 1M
1 to 10M
1 to 10M
Application Notes
Matched Sets and Networks
Welwyn has many years experience in the supply of
matched set of precision resistors
Resistors can be supplied matched for tolerance
and TCR down to ±0.02% and ±2 ppm/°C, either as
separate resistors or pre-assembled and encapsulated
within a plastic box.
The individual resistors within a set or module can be
manufactured with a tolerance of ±0.05% and TCR of
±5 ppm/°C.
A low inductance version is available at 1% tolerance.
For low inductive version add suffix N.
The standard method of packaging RC55 resistors
is taped in ammo packs. Taped resistors on reel or
loose packed components can also be supplied by
special request. The standard packaging for RC65
and RC70 resistors is loose in boxes. By special
request the RC65 components can also be supplied
taped on reel or in ammo pack. In the case of tape
packed components the usable lead length is re-
duced by the width of the tape.
Type
RC55
RC65
RC70
Small box
250
125
25
Large box
1000
500
250
Reel
5000
2500
-
Large ammo
1000
1000
-
Standard Quantities Per Package
Packaging
52
f1
5
6
6
f2
Body location: f1 - f2 ≤ 1.4mm
Prefix
RC
-
RC55LF
C
6K8
B
B
Type
RC55LF, RC65LF, RC70LF
TCR Code
V = ±5 ppm/°C, T = ±10 ppm/°C, Y = ±15 ppm/°C
D = ±25 ppm/°C, C = ±50 ppm/°C
Resistance Value
Ex: 6K8 = 6.8K
Tolerance
F = ±1%, D = ±0.5%, C = ±0.25%, B = ± 0.1%, A = ±0.05%
Packaging
A = Ammo Pack; B = Bulk; T = Tape and Reel
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data


Similar Part No. - RC-RC70LFT6K8DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
   Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
   Regeneration Clamp
logo
Recom International Pow...
RC-0505D RECOM-RC-0505D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RC-0509D RECOM-RC-0509D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RC-0512D RECOM-RC-0512D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RC-RC70LFT6K8DB

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
MRS13SD1002T KOA-MRS13SD1002T Datasheet
407Kb / 2P
   plate-shaped high precision metal film resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com