Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-RC65LFB6K8FB Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # RC-RC65LFB6K8FB
Description  Precision Metal Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RC-RC65LFB6K8FB Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  RC-RC65LFB6K8FB Datasheet HTML 1Page - IRC - a TT electronics Company. RC-RC65LFB6K8FB Datasheet HTML 2Page - IRC - a TT electronics Company. RC-RC65LFB6K8FB Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RC Series Issue December 2008 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Metal Film Resistor
Physical Data
Construction
A metal film is deposited onto a high quality ceramic
former. Nickel-plated steel caps are force fitted to the
former and termination wires are welded to the caps.
The resistor is adjusted to value by a helical cut in the film
and the body is protected with a specially formulated epoxy
coating.
Terminations
Material
100% tin plated over copper wire
Strength
The teminations meet the requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements
of IEC 115-1, Clause 4.17.3.2.
Marking
Type reference, TCR code, resistance value and
tolerance code.
The resistance values conform to IEC 62.
Solvent Resistance
The body protection and marking are resistant
to all normal industrial cleaning solvents
suitable for printed circuits.
Dimensions (mm) & Weight (g)
Type
L
Max
D
Max
F
Min
D
Nom
PCB
Mounting
Centers
Min
Bend
Radius
Wt.
Nom
RC55
7.2
2.5
30
0.6
10.2
0.6
0.24
RC65
10.0
3.7
30
0.6
12.7
0.6
0.40
RC70
15.5
5.5
30
0.8
18.4
1.2
1.15
Environmental Data
CECC 40101-004 CECC 40101-804 *Actual Performance
Requirements
Requirements
Maximum
Typical
Load At Commercial Rating: 1000 Hours At 70°C
---
---
0.3
0.1
Load At CECC Rating: 1000 Hours At 70°C
0.5
0.5
0.3
0.05
Dry Heat: 1000 Hours at 155°C
0.5
0.5
**1.0
0.15
Shelf Life: 12 Months at Room Temperature
Not specified
Not specified
0.1
0.03
Derating From Rated Power At 70°C
Zero at 155°C
50% at 125°C
---
---
Short Term Overload
0.1
0.1
0.1
0.02
Climatic
0.5
0.5
0.3
0.1
Climatic Category
55/155/56
55/155/56
55/155/56
---
Long Term Damp Heat
0.5
0.5
0.5
0.1
Temperature Rapid Change
0.1
0.1
**0.2
0.05
Resistance To Solder Heat
0.1
0.1
0.06
0.03
Vibration and Bump
0.1
0.1
0.06
0.02
Noise (in a decade of frequency)
Not specified
Not specified
1.0
0.1
Voltage Coefficient Of Resistance
Not specified
Not specified
---
<1
Note:
*An 0.01 ohm addition to be added to the performance claims of all resistors <10R.
** All products within the specified approved range meet CECC requirements.
∆R%
∆R%
∆R%
∆R%
∆R%
∆R%
∆R%
∆R%
∆R%
∆R%
µV/V
ppm/V
L
f
D
d


Similar Part No. - RC-RC65LFB6K8FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
   Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
   Regeneration Clamp
logo
Recom International Pow...
RC-0505D RECOM-RC-0505D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RC-0509D RECOM-RC-0509D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RC-0512D RECOM-RC-0512D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RC-RC65LFB6K8FB

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
MRS13SD1002T KOA-MRS13SD1002T Datasheet
407Kb / 2P
   plate-shaped high precision metal film resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com