Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95811UFUZ-TK Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL95811UFUZ-TK
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95811UFUZ-TK Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL95811UFUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 11Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 12Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 13Page - Intersil Corporation ISL95811UFUZ-TK Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6759.1
October 6, 2008
either end of the array and between each resistor is an
electronic switch that transfers the potential at that point to
the wiper.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered down, the last value stored in
IVR will be maintained in the non-volatile memory. When
power is restored, the contents of the IVR are recalled and
loaded into the WR to set the wiper to the initial value.
DCP Description
The DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin of the DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by an 8-bit
volatile Wiper Register (WR). When the WR of a DCP
contains all zeroes (WR[7:0] = 00h), its wiper terminal (RW)
is closest to its “Low” terminal (RL). When the WR register of
a DCP contains all ones (WR[7:0] = FFh), its wiper terminal
(RW) is closest to its “High” terminal (RH). As the value of
the WR increases from all zeroes (0) to all ones (255
decimal), the wiper moves monotonically from the position
closest to RL to the position closest to RH. At the same time,
the resistance between RW and RL increases monotonically,
while the resistance between RH and RW decreases
monotonically.
While the ISL95811 is being powered up, the WR is reset to
80h (128 decimal), which locates RW roughly at the center
between RL and RH. After the power supply voltage
becomes large enough for reliable non-volatile memory
reading, the WR will be reloaded with the value stored in a
non-volatile Initial Value Register (IVR).
The WR and IVR can be read or written to directly using the
I2C serial interface, as described in the following sections.
Memory Description
The ISL95811 contains one non-volatile 8-bit Initial Value
Register (IVR), five General Purpose non-volatile 8-bit registers
and two volatile 8-bit registers: Wiper Register (WR) and
Access Control Register (ACR). The Memory map of the
ISL95811 is shown in Table 1. The non-volatile register (IVR) at
address 0 contains the initial wiper position and the volatile
register (WR) contains the current wiper position.
The ISL95811 is pre-programed with 80h in the IVR.
The non-volatile IVR and volatile WR registers are
accessible with the same address.
The Access Control Register (ACR) contains information
and control bits described in Table 2.
The VOL bit (ACR[7]) determines whether the access to
wiper registers WR or initial value registers IVR.
If VOL bit is 0, the non-volatile IVR register and General
Purpose registers are accessible. If VOL bit is 1, only the
volatile WR is accessible. Note: Value written to the IVR
register is also written to the WR. The default value of this bit
is 0.
The Device ID register is read only and it contains chip
revision information, as shown in Table 3.
I2C Serial Interface
The ISL95811 supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter and the receiving device as the receiver.
The device controlling the transfer is a master and the
device being controlled is the slave. The master always
initiates data transfers and provides the clock for both
transmit and receive operations. Therefore, the ISL95811
operates as a slave device in all applications.
All communication over the I2C interface is conducted by
sending the MSB of each byte of data first.
TABLE 1. MEMORY MAP
ADDRESS
(hex)
NON-VOLATILE
VOLATILE
8NA
ACR
7Reserved
6
General Purpose
N/A
5
General Purpose
N/A
4
General Purpose
N/A
3
General Purpose
N/A
2
General Purpose
N/A
1
Device ID (read only)
N/A
0IVR
WR
TABLE 2. ACCESS CONTROL REGISTER (ACR)
BIT #
76
5
4
3
210
NAME
VOL
0
0
0
0
000
TABLE 3. DEVICE ID REGISTER
BIT #
76
5
4
3210
VALUE
10
0
0
0000
ISL95811


Similar Part No. - ISL95811UFUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95811 INTERSIL-ISL95811 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - ISL95811UFUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com