Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B992.7JCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B992.7JCT
Description  Programmable Skew Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B992.7JCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B992.7JCT Datasheet HTML 1Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 2Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 3Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 4Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 5Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 6Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 7Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 8Page - Cypress Semiconductor CY7B992.7JCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY7B991
CY7B992
Document Number: 38-07138 Rev. *B
Page 2 of 19
Pin Configuration
Pin Definitions
Signal Name
IO
Description
REF
I
Reference frequency input. This input supplies the frequency and timing against which all functional
variations are measured.
FB
I
PLL feedback input (typically connected to one of the eight outputs).
FS
I
Three level frequency range select. See Table 1.
1F0, 1F1
I
Three level function select inputs for output pair 1 (1Q0, 1Q1). See Table 2.
2F0, 2F1
I
Three level function select inputs for output pair 2 (2Q0, 2Q1). See Table 2.
3F0, 3F1
I
Three level function select inputs for output pair 3 (3Q0, 3Q1). See Table 2.
4F0, 4F1
I
Three level function select inputs for output pair 4 (4Q0, 4Q1). See Table 2.
TEST
I
Three level select. See “Test Mode” on page 4 under the “Block Diagram Description” on page 3.
1Q0, 1Q1
O
Output pair 1. See Table 2.
2Q0, 2Q1
O
Output pair 2. See Table 2.
3Q0, 3Q1
O
Output pair 3. See Table 2.
4Q0, 4Q1
O
Output pair 4. See Table 2.
VCCN
PWR
Power supply for output drivers.
VCCQ
PWR
Power supply for internal circuitry.
GND
PWR
Ground.
1
2
3
432 31 30
17
16
15
14
18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
2F0
GND
1F1
1F0
VCCN
1Q0
1Q1
GND
GND
3F1
4F0
4F1
VCCQ
VCCN
4Q1
4Q0
GND
GND
PLCC/LCC
CY7B991
CY7B992


Similar Part No. - CY7B992.7JCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B992 CYPRESS-CY7B992 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B992-2 CYPRESS-CY7B992-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992-2JC CYPRESS-CY7B992-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B992.7JCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com