Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62871HRUZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL62871HRUZ-T
Description  PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62871HRUZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL62871HRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL62871HRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN6707.0
August 14, 2008
Application Schematics
FIGURE 2. ISL62872 APPLICATION SCHEMATIC WITH FOUR OUTPUT VOLTAGE SETPOINTS AND DCR CURRENT SENSE
FIGURE 3. ISL62872 APPLICATION SCHEMATIC WITH FOUR OUTPUT VOLTAGE SETPOINTS AND RESISTOR CURRENT SENSE
VCC
BOOT
UGATE
PHASE
NC
OCSET
VO
FB
PGND
GND
EN
VID1
VID0
SREF
SET0
SET1
LO
COC
CBOOT
COCSET
QHS
QLS
CCOMP
RCOMP
RFB
3.3V TO 25V
0.5V TO 3.3V
RO
COB
CINC
CINB
VIN
VOUT
RSET1
RSET2
RSET3
CVCC
+5V
RVCC
CPVCC
GPIO
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
GPIO
VCC
VCC
BOOT
UGATE
PHASE
NC
OCSET
VO
FB
PGND
GND
EN
VID1
VID0
SREF
SET0
SET1
LO
COC
COCSET
QHS
QLS
CCOMP
RCOMP
RFB
GPIO
3.3V TO 25V
0.5V TO 3.3V
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
RO
COB
CINC
CINB
VIN
VOUT
RSET1
RSET2
RSET3
CVCC
+5V
RVCC
CPVCC
RSNS
CBOOT
VCC
GPIO
ISL62871, ISL62872


Similar Part No. - ISL62871HRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62871HRUZ-T RENESAS-ISL62871HRUZ-T Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL62871HRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com