Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85001 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL85001
Description  1A Standard Buck PWM Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85001 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL85001_09 Datasheet HTML 1Page - Intersil Corporation ISL85001_09 Datasheet HTML 2Page - Intersil Corporation ISL85001_09 Datasheet HTML 3Page - Intersil Corporation ISL85001_09 Datasheet HTML 4Page - Intersil Corporation ISL85001_09 Datasheet HTML 5Page - Intersil Corporation ISL85001_09 Datasheet HTML 6Page - Intersil Corporation ISL85001_09 Datasheet HTML 7Page - Intersil Corporation ISL85001_09 Datasheet HTML 8Page - Intersil Corporation ISL85001_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6769.1
March 17, 2009
ENABLE SECTION
EN Threshold
Rising Edge
1.2
1.7
2.2
V
Hysteresis
-
400
-
mV
EN Logic Input Current
-1
-
1
µA
FAULT PROTECTION
Thermal Shutdown Temperature
TSD
Rising Threshold
-
150
-
°C
THYS
Hysteresis
-
15
-
°C
PWM UV Trip Level
VUV
Referred to Nominal VOUT
70
75
80
%
PWM UVP Propagation Delay
-
270
-
ns
PWM OCP Threshold
VIN = VDD = 5V, (Note 4)
1.37
1.7
2.17
A
OCP Blanking Time
-
100
-
ns
POWER-GOOD
PG Trip Level Referred to Nominal VOUT
Lower Level, Falling Edge, with typically 15mV
hysteresis
85
88
91
%
Upper Level, Rising Edge, with typically 15mV
hysteresis
108
112
116
%
PG Propagation Delay
-9
-
µs
PG Low Voltage
ISINK = 4mA
-
0.05
0.3
V
PG Leakage Current
VPG = 5.5V, VFB = 0.6V, VDD = 5.5V
-1
-
1
µA
SOFT-START SECTION
Soft-Start Threshold to Enable Buck
0.9
1
1.1
V
Soft-Start Threshold to Enable PG
2.5
3.0
3.5
V
Soft-Start Voltage High
-3.45
-
V
Soft-Start Charging Current
20
30
40
µA
Soft-Start Pull-down
VSS = 3.0V
-
25
-
mA
POWER MOSFET
rDS(ON)
IOUT = 100mA, Die Resistance
-
120
200
m
Ω
NOTES:
3. Test Condition: VIN = 15V, FB forced above regulation point (0.6V), no switching, and power MOSFET gate charging current not included.
4. Excluding the blanking time.
Electrical Specifications
Typical Specifications are Measured at the Following Conditions: TA = -40°C to +85°C. Parameters with MIN
and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL85001


Similar Part No. - ISL85001_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
logo
Renesas Technology Corp
ISL85001EVAL1Z RENESAS-ISL85001EVAL1Z Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1ZREVAPCB INTERSIL-ISL85001EVAL1ZREVAPCB Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
ISL85001IRZ INTERSIL-ISL85001IRZ Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001IRZ RENESAS-ISL85001IRZ Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
More results

Similar Description - ISL85001_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
logo
Intersil Corporation
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Renesas Technology Corp
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com