Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62870HRUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL62870HRUZ
Description  PWM DC/DC Voltage Regulator Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62870HRUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL62870HRUZ Datasheet HTML 2Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 3Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 4Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 5Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 6Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 7Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 8Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 9Page - Intersil Corporation ISL62870HRUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6708.0
August 14, 2008
Functional Pin Descriptions
GND (Pin 1)
IC ground for bias supply and signal reference.
EN (Pin 2)
Enable input for the IC. Pulling EN above the VENTHR rising
threshold voltage initializes the soft-start sequence.
NC (Pins 3, 5)
No internal connection. Pins 3 and 5 should be connected to
the GND pin.
SREF (Pin 4)
Soft-start programming capacitor input. Connects internally
to the inverting input of the VSET voltage setpoint amplifier.
PGOOD (Pin 6)
Power-good open-drain indicator output. This pin changes to
high impedance when the converter is able to supply
regulated voltage. The pull-down resistance between the
PGOOD pin and the GND pin identifies which protective fault
has shut down the regulator. See Table 1 on page 10.
FB (Pin 7)
Voltage feedback sense input. Connects internally to the
inverting input of the control-loop error amplifier. The
converter is in regulation when the voltage at the FB pin
equals the voltage on the SREF pin. The control loop
compensation network connects between the FB pin and the
converter output. See Figure 8 on page 10.
VO (Pin 8)
Output voltage sense input for the R3 modulator. The VO pin
also serves as the reference input for the overcurrent
detection circuit. See Figure 5 on page 7.
OCSET (Pin 9)
Input for the overcurrent detection circuit. The overcurrent
setpoint programming resistor ROCSET connects from this
pin to the sense node. See “OVERCURRENT
PROGRAMMING CIRCUIT” on page 7.
PHASE (Pin 10)
Return current path for the UGATE high-side MOSFET
driver. VIN sense input for the R3 modulator. Inductor current
polarity detector input. Connect to junction of output inductor,
high-side MOSFET, and low-side MOSFET. See “Application
Schematics” on page 3 (Figures 2 and 3).
UGATE (Pin 11)
High-side MOSFET gate driver output. Connect to the gate
terminal of the high-side MOSFET of the converter.
BOOT (Pin 12)
Positive input supply for the UGATE high-side MOSFET gate
driver. The BOOT pin is internally connected to the cathode
of the Schottky boot-strap diode. Connect an MLCC
between the BOOT pin and the PHASE pin.
VCC (Pin 13)
Input for the IC bias voltage. Connect +5V to the VCC pin
and decouple with at least a 1µF MLCC to the GND pin. See
“Application Schematics” on page 3 (Figures 2 and 3).
PVCC (Pin 14)
Input for the LGATE and UGATE MOSFET driver circuits.
The PVCC pin is internally connected to the anode of the
Schottky boot-strap diode. Connect +5V to the PVCC pin
and decouple with a 10µF MLCC to the PGND pin. See
“Application Schematics” on page 3 (Figures 2 and 3).
LGATE (Pin 15)
Low-side MOSFET gate driver output. Connect to the gate
terminal of the low-side MOSFET of the converter.
PGND (Pin 16)
Return current path for the LGATE MOSFET driver. Connect
to the source of the low-side MOSFET.
Setpoint Reference Voltage
The 500mV output of the setpoint reference voltage (VSREF)
appears at the SREF pin. This signal is the output of the
current limited voltage follower that buffers an internal
500mV voltage reference (VREF.) The converter is in
regulation when the voltage at the FB pin (VFB) equals the
VSREF voltage at the SREF pin. Both of these pins are
measured relative to the GND pin, not the PGND pin.
The feedback voltage-divider network consisting of offset
resistor (ROFS) and loop-compensation resistor (RFB) scale
down the converter output voltage (VOUT) such that the
voltage VFB equals VSREF when VOUT equals the desired
output voltage of the converter. The voltage-divider relation
is given in Equation 1:
Where:
-VFB = VSREF
-RFB is the loop-compensation feedback resistor that
connects from the FB pin to the converter output
-ROFS is the voltage-scaling programming resistor that
connects from the FB pin to the GND pin
The value of offset resistor ROFS must be recalculated
whenever the value of loop-compensation resistor RFB has
been changed. Calculation of ROFS is written as shown in
Equation 2:
V
FB
V
OUT
R
OFS
R
FB
R
OFS
+
----------------------------------
=
(EQ. 1)
R
OFS
V
SREF R
FB
V
OUT
V
SREF
-----------------------------------------
=
(EQ. 2)
ISL62870


Similar Part No. - ISL62870HRUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62870HRUZ RENESAS-ISL62870HRUZ Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
ISL62870HRUZ-T RENESAS-ISL62870HRUZ-T Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
More results

Similar Description - ISL62870HRUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62870 RENESAS-ISL62870 Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
logo
Intersil Corporation
ISL78210 INTERSIL-ISL78210 Datasheet
617Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Renesas Technology Corp
ISL78210 RENESAS-ISL78210 Datasheet
933Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
RICOH electronics devic...
R1282D002A RICOH-R1282D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
R1280D002X RICOH-R1280D002X Datasheet
344Kb / 26P
   2CH PWM DC/DC Controller?
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
   PWM Boost DC-DC Controller
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com