Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-RC65LFT6K8CA Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # RC-RC65LFT6K8CA
Description  Precision Metal Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RC-RC65LFT6K8CA Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  RC-RC65LFT6K8CA Datasheet HTML 1Page - IRC - a TT electronics Company. RC-RC65LFT6K8CA Datasheet HTML 2Page - IRC - a TT electronics Company. RC-RC65LFT6K8CA Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RC Series Issue December 2008 Sheet 1 of 3
Standard Values
E24, E96 Preferred
Any value to
order
Thermal Impedance
°C/Watt
110
70
60
Ambient Temperature Range
°C
-55 to +155
RC Series
Resistance tolerance down to ±0.05%
Low noise and negligible voltage coefficient
CECC released product with low TCRs over a wide resistance range
100% tin plated (Pb-free, RoHS compliant) leads
Electrical Data
RC55
RC65
RC70
Notes
Commercial
Power Rating At 70°C
Watts
0.25
0.5
1.0
Resistance Range
Ohms
1R to 4M
1R to 4M
1R to 10M
Limiting Element Voltage
Volts
350
350
500
Isolation Voltage
Volts
500
500
700
TCR (20 to +70°C) & codes
ppm/°C
5(V), 10(T), 15(Y), 25(D), 50(C) & 100(Z)
See resistance
restrictions
Resistance Tolerance
%
0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1 (F)
Approved CECC 40101-004
H
J
K
K
L
Power Rating At 70°C
Watts
0.063
0.125
0.25
0.25
0.5
Resistance Range
Ohms
1R to 1M
1R to 1M
1R to 1M
10R to 1M
10R to 1M
Limiting Element Voltage
Volts
200
200
250
250
350
Isolation Voltage
Volts
280
280
350
350
500
TCR & Codes
ppm/°C
15(Y), 25(D), 50(C) & 100(Z)
See resistance
restrictions
Resistance Tolerance (code)
%
0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
Approved CECC 40101-804
A
B
B
C
Power Rating At 70°C
Watts
0.125
0.25
0.25
0.5
Resistance Range
Ohms
1R to 1M
1R to 1M
10R to 1M
10R to 1M
Limiting Element Voltage
Volts
200
250
250
350
Isolation Voltage
Volts
280
350
350
500
TCR & Codes
ppm/°C
15(T), 25(E) & 50(C)
See resistance
restrictions
Resistance Tolerance (code)
%
0.05(W), 0.1(B), 0.25(C), 0.5(D) & 1(F)
Precision Metal Film Resistor


Similar Part No. - RC-RC65LFT6K8CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
   Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
   Regeneration Clamp
logo
Recom International Pow...
RC-0505D RECOM-RC-0505D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RC-0509D RECOM-RC-0509D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RC-0512D RECOM-RC-0512D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RC-RC65LFT6K8CA

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
MRS13SD1002T KOA-MRS13SD1002T Datasheet
407Kb / 2P
   plate-shaped high precision metal film resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com