Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XP31ZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2XP31ZXC
Description  312.5 MHz LVPECL Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP31ZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY2XP31ZXC Datasheet HTML 1Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 2Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 3Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 4Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 5Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 6Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 7Page - Cypress Semiconductor CY2XP31ZXC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Document #: 001-48923 Rev. *A
Revised June 12, 2008
Page 8 of 8
All products and company names mentioned in this document may be the trademarks of their respective holders.
CY2XP41
© Cypress Semiconductor Corporation, 2009. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any
circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical,
life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical
components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems
application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
PSoC Solutions
General
psoc.cypress.com/solutions
Low Power/Low Voltage
psoc.cypress.com/low-power
Precision Analog
psoc.cypress.com/precision-analog
LCD Drive
psoc.cypress.com/lcd-drive
CAN 2.0b
psoc.cypress.com/can
USB
psoc.cypress.com/usb
Document History Page
Document Title: CY2XP41 Crystal to LVPECL Clock Generator
Document Number: 001-48923
REV.
ECN NO.
Submission
Date
Orig. of
Change
Description of Change
**
2669117
03/05/09
XHT/CXQ/
KVM
New data sheet
*A
2718433
06/12/09
WWZ/HMT No change. Submit to ECN for product launch.
[+] Feedback


Similar Part No. - CY2XP31ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXCT CYPRESS-CY2XP31ZXCT Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
More results

Similar Description - CY2XP31ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP31 CYPRESS-CY2XP31_11 Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP311 CYPRESS-CY2XP311 Datasheet
125Kb / 14P
   312.5 MHz LVPECL Clock Generator
logo
ON Semiconductor
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
   3.3V, 250MHZ LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com