Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1843AJQMLV Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1843AJQMLV
Description  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1843AJQMLV Datasheet(HTML) 3 Page - Texas Instruments

  UC1843AJQMLV Datasheet HTML 1Page - Texas Instruments UC1843AJQMLV Datasheet HTML 2Page - Texas Instruments UC1843AJQMLV Datasheet HTML 3Page - Texas Instruments UC1843AJQMLV Datasheet HTML 4Page - Texas Instruments UC1843AJQMLV Datasheet HTML 5Page - Texas Instruments UC1843AJQMLV Datasheet HTML 6Page - Texas Instruments UC1843AJQMLV Datasheet HTML 7Page - Texas Instruments UC1843AJQMLV Datasheet HTML 8Page - Texas Instruments UC1843AJQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
PARAMETER
TEST CONDITIONS
UC184xA\UC284xA
UC384xA
UNITS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Reference Section
Output Voltage
TJ = 25°C, IO = 1mA
4.95
5.00
5.05
4.90
5.00
5.10
V
Line Regulation
12
≤ VIN 25V
6
20
6
20
mV
Load Regulation
1
≤ IO ≤ 20mA
6
25
6
25
mV
Temp. Stability
(Note 2, Note 7)
0.2
0.4
0.2
0.4
mV/°C
Total Output Variation
Line, Load, Temp.
4.9
5.1
4.82
5.18
V
Output Noise Voltage
10Hz
≤ f ≤ 10kHz
TJ = 25°C (Note 2)
50
50
µV
Long Term Stability
TA = 125°C, 1000Hrs. (Note 2)
5
25
5
25
mV
Output Short Circuit
-30
-100
-180
-30
-100
-180
mA
Oscillator Section
Initial Accuracy
TJ = 25°C (Note 6)
47
52
57
47
52
57
kHz
Voltage Stability
12
≤ VCC ≤ 25V
0.2
1
0.2
1
%
Temp. Stability
TMIN
≤ TA ≤ TMAX (Note 2)
5
5
%
Amplitude
VPIN 4 peak to peak (Note 2)
1.7
1.7
V
Discharge Current
TJ = 25°C, VPIN 4 = 2V (Note 8)
7.8
8.3
8.8
7.8
8.3
8.8
mA
VPIN 4 = 2V (Note 8)
7.5
8.8
7.6
8.8
mA
Error Amp Section
Input Voltage
VPIN 1 = 2.5V
2.45
2.50
2.55
2.42
2.50
2.58
V
Input Bias Current
-0.3
-1
-0.3
-2
µA
AVOL
2
≤ VO ≤ 4V
65
90
65
90
dB
Unity Gain Bandwidth
TJ = 25°C (Note 2)
0.7
1
0.7
1
MHz
PSRR
12
≤ VCC ≤ 25V
60
70
60
70
dB
Output Sink Current
VPIN 2 = 2.7V, VPIN 1 = 1.1V
2
6
2
6
mA
Output Source Current
VPIN 2 = 2.3V, VPIN 1 = 5V
-0.5
-0.8
-0.5
-0.8
mA
VOUT High
VPIN 2 = 2.3V, RL = 15k to ground
5
6
5
6
V
VOUT Low
VPIN 2 = 2.7V, RL = 15k to Pin 8
0.7
1.1
0.7
1.1
V
Current Sense Section
Gain
(Note 3, Note 4)
2.85
3
3.15
2.85
3
3.15
V/V
Maximum Input Signal
VPIN 1 = 5V (Note 3)
0.9
1
1.1
0.9
1
1.1
V
PSRR
12
≤ VCC ≤ 25V (Note 3)
70
70
dB
Input Bias Current
-2
-10
-2
-10
µA
Delay to Output
VPIN 3 = 0 to 2V (Note 2)
150
300
150
300
ns
Output Section
Output Low Level
ISINK = 20mA
0.1
0.4
0.1
0.4
V
ISINK = 200mA
15
2.2
15
2.2
V
Output High Level
ISOURCE = 20mA
13
13.5
13
13.5
V
ISOURCE = 200mA
12
13.5
12
13.5
V
Rise Time
TJ = 25°C, CL = 1nF (Note 2)
50
150
50
150
ns
Fall Time
TJ = 25°C, CL = 1nF (Note 2)
50
150
50
150
ns
UVLO Saturation
VCC = 5V, ISINK = 10mA
0.7
1.2
0.7
1.2
V
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for –55
°C ≤ TA ≤ 125°C for the
UC184xA; –40°C
≤ TA ≤ 125°C for the UC284xAQ; –40°C ≤ TA ≤ 85°C for the UC284xA; 0 ≤ TA ≤ 70°C for the UC384xA; VCC = 15V
(Note 5); RT = 10k; CT = 3.3nF; TA =TJ; Pin numbers refer to DIL-8.


Similar Part No. - UC1843AJQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843AJQMLV TI-UC1843AJQMLV Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC1843AJQMLV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com