Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XF32FLXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2XF32FLXIT
Description  6-Pin Ceramic LCC SMD - Tape and Reel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF32FLXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2XF32FLXIT Datasheet HTML 1Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 2Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 3Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 4Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 5Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 6Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 7Page - Cypress Semiconductor CY2XF32FLXIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRELIMINARY
CY2XF32
Document Number: 001-53147 Rev. *A
Page 7 of 8
Package Diagram
Figure 5. 6-Pin 3.2x5.0 mm Ceramic LCC
.
Ordering Information
Part Number[6]
Configuration
Package Description
Product Flow
Pb-Free
CY2XF32FLXCT
Field Programmable
6-Pin Ceramic LCC SMD - Tape and Reel
Commercial, 0° to 70°C
CY2XF32FLXIT
Field Programmable
6-Pin Ceramic LCC SMD - Tape and Reel
Industrial, –40° to 85°C
CY2XF32LXCxxxT
Factory Configured
6-Pin Ceramic LCC SMD - Tape and Reel
Commercial, 0° to 70°C
CY2XF32LXIxxxT
Factory Configured
6-Pin Ceramic LCC SMD - Tape and Reel
Industrial, –40° to 85°C
BOTTOM VIEW
TOP VIEW
SIDE VIEW
5.0
3.2
0.50
1.30 Max
4
6
1
3
TYP.
TYP.
2.54 TYP.
0.64 TYP.
0.45 REF.
0.20 R REF.
0.10 R REF.
2
5
INDEX
0.32 R
9
10
7
8
Dimensions in mm
General Tolerance: ± 0.15MM
Kyocera dwg ref KD-VA6432-A
Package Weight ~ 0.12 grams
001-10044-**
Note
6. “xxx” is a factory assigned code that identifies the programming option.
[+] Feedback


Similar Part No. - CY2XF32FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32FLXIT CYPRESS-CY2XF32FLXIT Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32FLXIT CYPRESS-CY2XF32FLXIT Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
More results

Similar Description - CY2XF32FLXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXCT CYPRESS-CY2X014FLXCT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X013FLXCT CYPRESS-CY2X013FLXCT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF24FLXCT CYPRESS-CY2XF24FLXCT Datasheet
308Kb / 12P
   6-Pin Ceramic LCC SMD - Tape and Reel
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
   Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
   Tape and Reel
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
   Tape and Reel Standards
Rev. 7, 07-Jan-03
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com