Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RHB-40TRGL Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # 0RHB-40TRGL
Description  ISOLATED DC/AC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-40TRGL Datasheet(HTML) 7 Page - Bel Fuse Inc.

  0RHB-40TRGL Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-40TRGL Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-40TRGL Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-40TRGL Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-40TRGL Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-40TRGL Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-40TRGL Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
©2008 Bel Fuse Inc. Specifications subject to change without notice. 090508
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
ISOLATED DC/AC CONVERTER
36 Vdc - 75 Vdc Input, 65 Vac - 95 Vac 17.5, 20, 25, 50 Hz/40 W Output
INSTALLATION INSTRUCTION
1) The DC-AC Converter can be operated at an ambient temperature up to 85°C maximum.
2) The DC-AC Converter is a built-in component. During installation into certain equipment the relevant
requirements of EN 60950-1:2001 + A11 and IEC 60950-1:2001 shall be maintained.
3) The creepage distances, clearances and thickness of insulation between unearthed hazardous voltage input
and hazardous voltage output circuits have complied with basic insulation requirements according to EN
60950-1:2001 + A11 and IEC 60950-1:2001.
4) The output ratings as shown on the label must not be exceeded.
5) The equipment is to be supplied from a DC source which is separated from AC mains by double or reinforced
insulation, or by basic insulation and suitable earthing providing equivalent protection.
6) The equipment is intended to be installed into a class I or class II system, when installed into class I system,
protective earth has to be reliably identified and suitable external protection devices have to be provided in
the final system.
7) The equipment shall be installed with an external forced air-cooling according to installation instruction
accompanied with the unit. The airflow direction is towards the side of the equipment.
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products.


Similar Part No. - 0RHB-40TRGL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-40TRGL BEL-0RHB-40TRGL Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
More results

Similar Description - 0RHB-40TRGL

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC100 INTRONICS-AC100 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
BP5710-1 ROHM-BP5710-1_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5723-33 ROHM-BP5723-33_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5728 ROHM-BP5728 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
logo
Bel Fuse Inc.
0RHB-40TRXX BEL-0RHB-40TRXX Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
logo
Rohm
BP5718A12 ROHM-BP5718A12_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com