Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24021 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL24021
Description  1A Rail-to-Rail Input-Output Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL24021 Datasheet HTML 1Page - Intersil Corporation ISL24021 Datasheet HTML 2Page - Intersil Corporation ISL24021 Datasheet HTML 3Page - Intersil Corporation ISL24021 Datasheet HTML 4Page - Intersil Corporation ISL24021 Datasheet HTML 5Page - Intersil Corporation ISL24021 Datasheet HTML 6Page - Intersil Corporation ISL24021 Datasheet HTML 7Page - Intersil Corporation ISL24021 Datasheet HTML 8Page - Intersil Corporation ISL24021 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6637.0
June 3, 2009
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage Range (VDD -VSS) . . . . . . . . . . . . . . . . . . . . . 19.8V
Input Voltage Range (INN, INP). . . . . . . . . . VSS - 0.5V, VDD + 0.5V
Input Differential Voltage (INP - INN) . . . (VDD + 0.5V) - (VSS - 0.5V)
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3000V
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
8 Ld TDFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . see Figure 28
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
VDD = 5V, VSS = -5V, RL = 1kΩ to 0V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
POWER SUPPLY PERFORMANCE
VDD - VSS
Supply Voltage Range
4.5
19
V
IS
Supply Current
No load
2.1
2.8
mA
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±9.5V
60
80
dB
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
1.4
15
mV
TCVOS
Average Offset Voltage Drift (Note 2)
1
µV/°C
ILEAK
Input Leakage Current
VCM = 0V
2
10
nA
RIN
Input Resistance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
VSS-
0.5
VDD+
0.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -5.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V
≤ VOUT ≤ 4.5V
75
100
dB
OUTPUT CHARACTERISTICS
VOH
Output Swing High
IL= 5mA, VIN = VDD
VDD-
0.15
VDD-
0.025
V
VOL
Output Swing Low
IL= -5mA,VIN = VSS
VSS+
0.025
VSS+
0.15
V
ISC
Short-Circuit Current
±1.0
A
IOUT
Continuous Output Current (Note 6)
±300
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
-4.0V
≤ VOUT ≤ 4.0V
18
V/µs
tS
Settling to 0.1% (Note 5)
AV = +1, VO = 2V step
80
ns
BW
-3dB Bandwidth
AV = +1, RL = 1kΩ, CL= 8pF
25
MHz
PM
Phase Margin
RL = 1kΩ, CL= 8pF
44
°
THERMAL PERFORMANCE
TTS
Thermal Shutdown Temperature
Die temperature at which the device will
shutdown until it cools by TTSH °C
+165
°C
TTSH
Thermal Shutdown Hysteresis
Die temperature below TTS °C when the
device will become operational after
shutdown
15
°C
ISL24021


Similar Part No. - ISL24021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
More results

Similar Description - ISL24021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com