Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3034EIRTZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL3034EIRTZ-T
Description  4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3034EIRTZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL3034EIRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL3034EIRTZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6492.0
March 31, 2009
I/OVL, CLK_RET Fall Time
tFVL
RS = 150Ω, CI/OVL = 15pF,
CCLK_RET = 15pF
VL ≥ 1.35V
Full
-
-
4
ns
VL ≥ 1.62V
Full
-
-
3.5
ns
I/OVCC, CLK_VCC Propagation
Delay (Driving I/OVL, CLK_VL)
tPDVCC
RS = 150Ω, CI/OVCC = 10pF,
CCLK_VCC = 10pF, push-pull
drivers
VL ≥ 1.35V
Full
-
-
7.5
ns
VL ≥ 1.62V
Full
-
-
6.5
ns
tPDVCC Channel-to-Channel
Skew (Note 9)
tSKEWC
VL ≥ 1.35V
Full
-
-
1.3
ns
VL ≥ 1.62V
Full
-
-
1
ns
I/OVL, CLK_RET Propagation
Delay (Driving I/OVCC,
CLK_VCC)
tPDVL
RS = 150Ω, CI/OVL = 15pF, CCLK_RET =15pF,
push-pull drivers
Full
-
-
6.5
ns
tPDVL Channel-to-Channel Skew
(Note 9)
tSKEWL
VL ≥ 1.35V
Full
-
-
1.3
ns
VL ≥ 1.62V
Full
-
-
0.8
ns
Delay from EN High to I/OVCC
Active
tEN-VCC RLOAD = 1MΩ, CI/OVCC = 10pF (ISL3034E and
ISL3036E)
25
-
1.5
-
µs
Delay from EN High to I/OVL
Active
tEN-VL
RLOAD = 1MΩ, CI/OVL = 15pF (ISL3034E and
ISL3036E)
25
-
1.5
-
µs
Maximum Data Rate
D.R.1.35 Push-pull operation,
RSOURCE = 150Ω,
CI/OVCC = 10pF, CI/OVL = 15pF,
CCLK_VCC = 10pF,
CCLK_RET = 15pF
VL ≥ 1.35V
Full
85
-
-
Mbps
D.R.1.6
VL ≥ 1.62V
Full
100
-
-
Mbps
NOTES:
6. VL must be less than or equal to VCC - 0.2V during normal operation. However, VL can be greater than VCC during start-up and shutdown
conditions and the part will not latch-up nor be damaged.
7. Input thresholds are referenced to the boost circuit.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. Delta between all I/OVL channel prop delays, or delta between all I/OVCC channel prop delays, all channels tested at the same test conditions.
Test Circuits and Waveforms
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. MEASUREMENT POINTS
FIGURE 1. I/OVCC OUTPUT PROPAGATION DELAY AND TRANSITION TIMES (PUSH - PULL)
Electrical Specifications
VCC = +2.2V to +3.6V, VL = +1.35V to +3.2V, EN = VL, unless otherwise noted. Typical values are at
VCC =+3.3V, VL = +1.8V and TA = +25°C. (Note 6). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
SIGNAL
GENERATOR
VL
EN
VCC
150
Ω
I/OVL
I/OVCC
CL
VL
VL
0V
50%
50%
tRVCC
90%
90%
tFVCC
10%
10%
I/OVL
tPDVCC = tPLH or tPHL
50%
50%
tPLH
tPHL
VOH
VOL
I/OVCC
ISL3034E, ISL3035E, ISL3036E


Similar Part No. - ISL3034EIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3034EIRTZ-T RENESAS-ISL3034EIRTZ-T Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
More results

Similar Description - ISL3034EIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
   High-speed serial logic translators
2001 Jun 19
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com