Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2578N Datasheet(PDF) 2 Page - Texas Instruments

Part # UC2578N
Description  Buck Pulse Width Modulator Stepdown Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2578N Datasheet(HTML) 2 Page - Texas Instruments

  UC2578N Datasheet HTML 1Page - Texas Instruments UC2578N Datasheet HTML 2Page - Texas Instruments UC2578N Datasheet HTML 3Page - Texas Instruments UC2578N Datasheet HTML 4Page - Texas Instruments UC2578N Datasheet HTML 5Page - Texas Instruments UC2578N Datasheet HTML 6Page - Texas Instruments UC2578N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
UC2578
UC3578
ELECTRICAL CHARACTERISTICS: Unless otherwise specified VCC = 14V, VGG = 14V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Frequency
VCC = 14V to 72V, EAINV = 1.9V, TJ = 25°C
100
110
120
kHz
VCC = 11V to 14V, Over Temperature
90
120
kHz
Error Amplifier Section
EAINV
EAOUT = EAINV
1.97
2
2.03
V
IEAINV
EAOUT = EAINV
100
300
nA
EAVOL
EAOUT/EAINV, 25°C
70
80
dB
EAOUT High
EAINV
≤ 1.9V, IEAOUT = –100µA
5.5
6.2
V
EAOUT Low
EAINV
≥ 2.1V, IEAOUT = 100µA
0.8
1.1
V
Unity Gain Bandwidth
TJ = 25°C, F = 100kHz
0.85
1
MHz
PSRR, EAOUT
EAOUT = EAINV, VCC = 14V
80
90
dB
Current Sense Comparator Section
Threshold (Referred to VCC)
0.4
0.5
0.6
V
Input Bias Current
CS = VCC – 0.4V
0.2
1
µA
Propagation Delay
VOVERDRIVE = 250mV
0.7
1.2
µs
Blanking Time
VOVERDRIVE = 250mV
75
200
300
ns
Gate Drive Output Section
VOH
IOUT = –200mA
9.5
11
V
VOL
IOUT = 20mA
0.2
0.36
V
IOUT = 200mA
1.5
2
V
Rise Time
TJ = 25°C, CLOAD = 1nF
40
70
ns
Fall Time
TJ = 25°C, CLOAD = 1nF
40
70
ns
Pulse Width Modulator Section
Maximum Duty Cycle
EAINV
≤ 1.9V
85
90
%
Minimum Duty Cycle
EAINV
≥ 2.1V
0
%
Modulator Gain
EAOUT = 2.5V to 3.5V
30
%/V
Undervoltage Lockout Section
Start Threshold
OUT – SRC, EAINV
≤ 1.9V, SRC = 0V
10
11
12
V
UVLO Hysteresis
1.5
2
2.5
V
CONNECTION DIAGRAM
Note: The four GND pins are internally connected.
DIL-16, SOIC-16 (Top View)
N or DP Packages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +72V
EAINV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to +10V
EAOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to +10V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to +10V
DIODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VCC
VGG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VCC +14V
CS . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC – 5V to VCC +0.6V
IOUT Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.8A to +0.6A
SRC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.6V to VCC
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - UC2578N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2578 TI1-UC2578 Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2578DP TI1-UC2578DP Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2578DPTR TI1-UC2578DPTR Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2578 TI1-UC2578_16 Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
More results

Similar Description - UC2578N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2578 TI1-UC2578_16 Datasheet
904Kb / 11P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC1573 TI-UC1573 Datasheet
136Kb / 5P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2573D TI1-UC2573D Datasheet
1Mb / 12P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Refgulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com