Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29012 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL29012
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29012 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL29012 Datasheet HTML 7Page - Intersil Corporation ISL29012 Datasheet HTML 8Page - Intersil Corporation ISL29012 Datasheet HTML 9Page - Intersil Corporation ISL29012 Datasheet HTML 10Page - Intersil Corporation ISL29012 Datasheet HTML 11Page - Intersil Corporation ISL29012 Datasheet HTML 12Page - Intersil Corporation ISL29012 Datasheet HTML 13Page - Intersil Corporation ISL29012 Datasheet HTML 14Page - Intersil Corporation ISL29012 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6476.1
December 10, 2008
FIGURE 6. ISL29012 TYPICAL CIRCUIT
VDD
1
GND
2
REXT
3
INT
4
SCL
5
SDA
6
ISL29012
R1
10k
R2
10k
REXT
100k
C1
0.01µF
2.5V TO 3.3V
MICROCONTROLLER
SDA
SCL
I2C SLAVE_0
I2C SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
2.5V TO 5.5V
R3
RES1
INT
Typical Performance Curves (REXT = 100kΩ)
FIGURE 7. SPECTRAL RESPONSE
FIGURE 8. RADIATION PATTERN
FIGURE 9. SPECTRUM OF LIGHT SOURCES FOR
MEASUREMENT
FIGURE 10. SUPPLY CURRENT vs SUPPLY VOLTAGE
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
600
800
1.0k
WAVELENGTH (nm)
ISL29012 RESPONSE
1.1k
HUMAN EYE RESPONSE
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90°
80°
70°
60°
50°
40°
30°
20°
10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
SUN
HALOGEN
INCANDESCENT
FLUORESCENT
2.0
2.3
2.6
2.9
3.2
3.5
3.8
320
306
292
278
264
250
SUPPLY VOLTAGE (V)
TA = +27°C
5000 lux
200 lux
ISL29012


Similar Part No. - ISL29012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29012IROZ-EVALZ RENESAS-ISL29012IROZ-EVALZ Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29012IROZ-T7 RENESAS-ISL29012IROZ-T7 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
More results

Similar Description - ISL29012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com