Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55033IRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55033IRTZ
Description  400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55033IRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55033IRTZ Datasheet HTML 1Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 2Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 3Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 4Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 5Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 6Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 7Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 8Page - Intersil Corporation ISL55033IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6346.0
September 11, 2008
IIH-ENB
ENABLE Pin Input Current High
VEN = 5V
1
7
15
µA
IIL-ENB
ENABLE Pin Input for Current Low
VEN = 0V
-10
2
10
µA
AC PERFORMANCE
BW
-3dB Bandwidth
VOUT = 100mVP-P, RL = 150Ω, CL = 2pF,
VIN = 1.0 VDC
400
MHz
BW
±0.1dB Bandwidth
VOUT = 100mVP-P, RL = 150Ω, CL = 2pF
60
MHz
Peak
Peaking
VOUT = 100mVP-P, RL = 150Ω, CL =
3.2pF
1.5
dB
dG
Differential Gain
VIN = 0.1V to 2.0V, VOUT = 100mVP-P,
f = 3.58MHz, RL = 150Ω
0.012
%
dP
Differential Phase
0.11
°
eN-OUT
Output Voltage Noise Density
f = 10kHz
35
nV/
√Hz
iN
Input Current Noise Density
f = 10kHz
2.9
pA/
√Hz
ISO
Off-State Isolation
fO = 10MHz
VIN = 0.8VDC + 1VP-P, CL = 2pF,
RL = 150Ω
-80
dB
X-TALK
Channel-to-Channel Crosstalk,
fO = 10MHz
VIN = 0.8VDC + 1VP-P, CL = 2pF,
RL = 150Ω
-65
dB
PSRR
Power Supply Rejection Ratio
fO = 10MHz
VIN = 0.2VDC, VSOURCE = 1VP-P,
CL = 2pF, RL = 150Ω
-55
dB
TRANSIENT RESPONSE
SR
Slew Rate 25% to 75%
RL = 150Ω, VOUT = 0.5V to 3.5V
2350
V/µs
tr, tf Large
Signal
Rise Time, tr 20% to 80%
VOUT = 3VP-P, RL = 150Ω, CL = 2pF
0.8
ns
Fall Time, tf 80% to 20%
0.7
ns
Rise Time, tr 20% to 80%
VOUT = 2VP-P, RL = 150Ω, CL = 2pF
0.6
ns
Fall Time, tf 80% to 20%
0.6
ns
tr, tf, Small
Signal
Rise Time, tr 20% to 80%
VOUT = 100mVP-P, RL = 150Ω, CL = 2pF
0.55
ns
Fall Time, tf 80% to 20%
0.55
ns
OS
Overshoot
100mV step
13
%
tPD
Propagation Delay
100mV step; RL = 150Ω
1ns
tS
0.1% Settling Time
2V step
65
ns
NOTES:
2. VOS is extrapolated from 2 output voltage measurements, with VIN = 62.5mV and VIN = 125mV, RL = 1k.
3. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
V+ = 5V, TA = +25°C, RL = 1kΩ to V+/2, VIN = 0.1VDC, Unless Otherwise Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNIT
ISL55033


Similar Part No. - ISL55033IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Renesas Technology Corp
ISL55033IRTZ RENESAS-ISL55033IRTZ Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
More results

Similar Description - ISL55033IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
Texas Instruments
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com