Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV635 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV635
Description  Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV635 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV635 Datasheet HTML 4Page - STMicroelectronics TSV635 Datasheet HTML 5Page - STMicroelectronics TSV635 Datasheet HTML 6Page - STMicroelectronics TSV635 Datasheet HTML 7Page - STMicroelectronics TSV635 Datasheet HTML 8Page - STMicroelectronics TSV635 Datasheet HTML 9Page - STMicroelectronics TSV635 Datasheet HTML 10Page - STMicroelectronics TSV635 Datasheet HTML 11Page - STMicroelectronics TSV635 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
TSV63x
8/26
Doc ID 15688 Rev 2
Table 6.
Electrical characteristics at VCC+ = +5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C,
and RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltages
TSV63x
TSV63xA
TSV633AIST - MiniSO10
3
0.8
1
mV
Tmin < Top < Tmax - TSV63x
Tmin < Top < Tmax - TSV63xA
Tmin < Top < Tmax - TSV633AIST
4.5
2
2.2
mV
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
(Vout =VCC/2)
110(1)
pA
Tmin < Top < Tmax
1
100
pA
Iib
Input bias current
(Vout =VCC/2)
110(1)
pA
Tmin < Top < Tmax
1
100
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
0 V to 5 V, Vout = 2.5 V
60
80
dB
Tmin < Top < Tmax
55
dB
SVR
Supply voltage rejection
ratio 20 log (
ΔVCC/ΔVio)
VCC = 1.8 to 5 V
75
102
dB
Tmin < Top < Tmax
73
Avd
Large signal voltage gain
RL= 10 kΩ, Vout = 0.5 V to 4.5 V
89
98
dB
Tmin < Top < Tmax
84
dB
EMIRR
EMI Rejection Ratio
EMIRR = -20 log (VRFpeak/ΔVio)
VRF = 100 mVrms, f = 400 MHz
61
dB
VRF = 100 mVrms, f = 900 MHz
85
VRF = 100 mVrms, f =1800 MHz
92
VRF = 100 mVrms, f =2400 MHz
83
VOH
High level output voltage
RL =10kΩ
Tmin < Top < Tmax
35
50
7
mV
VOL
Low level output voltage
RL =10kΩ
Tmin < Top < Tmax
635
50
mV
Iout
Isink
Vo = 5 V
40
69
mA
Tmin < Top < Tmax
35
Isource
Vo = 0 V
40
74
mA
Tmin < Top < Tmax
35
ICC
Supply current (per
operator)
No load, Vout=VCC/2
50
60
69
µA
Tmin < Top < Tmax
72
µA
AC performance
GBP
Gain bandwidth product
RL=2kΩ, CL = 100 pF, f = 100 kHz
730
880
kHz
Fu
Unity gain frequency
RL =2 kΩ, CL = 100 pF,
830
kHz


Similar Part No. - TSV635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV635 STMICROELECTRONICS-TSV635 Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
TSV635A STMICROELECTRONICS-TSV635A Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results

Similar Description - TSV635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com