Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55033 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55033
Description  400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55033 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55033 Datasheet HTML 1Page - Intersil Corporation ISL55033 Datasheet HTML 2Page - Intersil Corporation ISL55033 Datasheet HTML 3Page - Intersil Corporation ISL55033 Datasheet HTML 4Page - Intersil Corporation ISL55033 Datasheet HTML 5Page - Intersil Corporation ISL55033 Datasheet HTML 6Page - Intersil Corporation ISL55033 Datasheet HTML 7Page - Intersil Corporation ISL55033 Datasheet HTML 8Page - Intersil Corporation ISL55033 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6346.0
ISL55033
400MHz Slew Rate Enhanced Rail-to-Rail
Output Gain Block
The ISL55033 is a triple rail-to-rail output gain block with a
-3dB bandwidth of 400MHz and slew rate of 2350V/µs into a
150
Ω load. The ISL55033 has a fixed gain of +2. The inputs
are capable of sensing ground. The outputs are capable of
swinging to 0.45V to either rail through a 150
Ω resistor
connected to V+/2.
The ISL55033 is designed for general purpose video
applications. The part includes a fast-acting global
disable/power-down circuit.
The ISL55033 is available in a 12 Ld TQFN package.
Operation is specified over the -40°C to +85°C temperature
range.
Features
• 400MHz -3dB Bandwidth
• 2350V/µsTyp Slew Rate, RL = 150Ω to V+/2
• Single-Supply Operation From +3V to +5.5V
• Rail-to-Rail Output
• Input Ground Sensing
• Fast 25ns Disable Time
• Pb-Free (RoHS compliant)
Applications
• Video Amplifiers
•Set-Top Boxes
• Video Distribution
Pinout
Ordering Information
PART
NUMBER
PART
MARKING
TEMP
RANGE
(C°)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL55033IRTZ
5033
-40 to +85 12 LdTQFN L12.3x3A
ISL55033IRTZ-T13*
5033
-40 to +85 12 LdTQFN L12.3x3A
ISL55033EVAL1Z
Coming Soon
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020
ISL55033
(12 LD TQFN)
TOP VIEW
11
10
12
56
4
1
2
3
9
8
7
OUTPUT_1
OUTPUT_2
OUTPUT_3
IN+_1
IN+_2
IN+_3
AV EACH CHANNEL
EQUALS +2
Data Sheet
September 11, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL55033

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033 INTERSIL-ISL55033 Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Renesas Technology Corp
ISL55033IRTZ RENESAS-ISL55033IRTZ Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
More results

Similar Description - ISL55033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
Texas Instruments
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com