Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV622 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV622
Description  Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV622 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV622 Datasheet HTML 3Page - STMicroelectronics TSV622 Datasheet HTML 4Page - STMicroelectronics TSV622 Datasheet HTML 5Page - STMicroelectronics TSV622 Datasheet HTML 6Page - STMicroelectronics TSV622 Datasheet HTML 7Page - STMicroelectronics TSV622 Datasheet HTML 8Page - STMicroelectronics TSV622 Datasheet HTML 9Page - STMicroelectronics TSV622 Datasheet HTML 10Page - STMicroelectronics TSV622 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TSV62x
Electrical characteristics
Doc ID 15689 Rev 2
7/25
Table 5.
VCC+ = +3.3 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2
(unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV62x
TSV62xA
TSV623AIST - MiniSO10
4
0.8
1
mV
TSV62x -Tmin < Top < Tmax
TSV62xA - Tmin < Top < Tmax
TSV623AIST - Tmin < Top < Tmax
6
2
2.2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
1
10(1)
pA
Tmin < Top < Tmax
1
100
pA
Iib
Input bias current
110(1)
pA
Tmin < Top < Tmax
1
100
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
0 V to 3.3 V, Vout = 1.65 V
57
79
dB
Tmin < Top < Tmax
53
dB
Avd
Large signal voltage gain
RL=10 kΩ, Vout= 0.5 V to 2.8 V
81
98
dB
Tmin < Top < Tmax
76
dB
VOH
High level output voltage
RL =10kΩ
Tmin < Top < Tmax
35
50
5
mV
VOL
Low level output voltage
RL =10kΩ
Tmin < Top < Tmax
435
50
mV
Iout
Isink
Vo = 5 V
23
45
mA
Tmin < Top < Tmax
20
Isource
Vo = 0 V
23
38
mA
Tmin < Top < Tmax
20
ICC
Supply current (per operator)
No load, Vout=2.5 V
26
33
µA
Tmin < Top < Tmax
35
µA
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF, f = 100 kHz
310
380
kHz
Fu
Unity gain frequency
RL = 10 kΩ, CL = 100 pF
310
kHz
φm
Phase margin
RL = 10 kΩ, CL = 100 pF
41
Degrees
Gm
Gain margin
RL = 10 kΩ, CL =100 pF
8
dB
SR
Slew rate
RL =10kΩ, CL = 100 pF, AV = 1
0.11
0.175
V/
μs
1.
Guaranteed by design.


Similar Part No. - TSV622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV622 STMICROELECTRONICS-TSV622 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV622-3-4-5 STMICROELECTRONICS-TSV622-3-4-5 Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
TSV622A STMICROELECTRONICS-TSV622A Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV622AIDT STMICROELECTRONICS-TSV622AIDT Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV622AIST STMICROELECTRONICS-TSV622AIST Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
More results

Similar Description - TSV622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com