Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T810H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T810H
Description  High temperature 8 A sensitive TRIACs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810H Datasheet(HTML) 2 Page - STMicroelectronics

  T810H Datasheet HTML 1Page - STMicroelectronics T810H Datasheet HTML 2Page - STMicroelectronics T810H Datasheet HTML 3Page - STMicroelectronics T810H Datasheet HTML 4Page - STMicroelectronics T810H Datasheet HTML 5Page - STMicroelectronics T810H Datasheet HTML 6Page - STMicroelectronics T810H Datasheet HTML 7Page - STMicroelectronics T810H Datasheet HTML 8Page - STMicroelectronics T810H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
T810H
2/10
Doc ID 15714 Rev 1
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
D2PAK, TO-220AB
Tc = 135 °C
8
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 60 Hz
t = 16.7 ms
84
A
F = 50 Hz
t = 20 ms
80
I²tI²t Value for fusing
tp = 10 ms
42
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150 °C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Min
Max.
Unit
IGT
VD = 12 V RL = 33 Ω
I - II - III
1
10
mA
VGT
I - II - III
1.0
V
VGD
VD = VDRM, RL = 3.3 kΩ
I - II - III
0.15
V
IH
(1)
IT = 100 mA
25
mA
IL
IG = 1.2 IGT
I - III
30
mA
II
35
dV/dt (1)
VD = 67% VDRM, gate open, Tj = 150 °C
75
V/µs
(dI/dt)c (1)
Logic level, 0.1 V/µs, Tj = 150 °C
11.4
A/ms
Logic level, 15 V/µs, Tj = 150 °C
3.0
1.
For both polarities of A2 referenced to A1.


Similar Part No. - T810H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810 STMICROELECTRONICS-T810 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
T810 STMICROELECTRONICS-T810 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T810-400B STMICROELECTRONICS-T810-400B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIACS
T810-600B STMICROELECTRONICS-T810-600B Datasheet
129Kb / 11P
   8A TRIACS
More results

Similar Description - T810H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
   High temperature 10 A sensitive TRIACs
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
   High temperature 8 A Triacs
logo
Littelfuse
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
   Sensitive Triacs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com