Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEP01-5841 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PEP01-5841
Description  Power over ethernet power supply protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PEP01-5841 Datasheet(HTML) 4 Page - STMicroelectronics

  PEP01-5841 Datasheet HTML 1Page - STMicroelectronics PEP01-5841 Datasheet HTML 2Page - STMicroelectronics PEP01-5841 Datasheet HTML 3Page - STMicroelectronics PEP01-5841 Datasheet HTML 4Page - STMicroelectronics PEP01-5841 Datasheet HTML 5Page - STMicroelectronics PEP01-5841 Datasheet HTML 6Page - STMicroelectronics PEP01-5841 Datasheet HTML 7Page - STMicroelectronics PEP01-5841 Datasheet HTML 8Page - STMicroelectronics PEP01-5841 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
PEP01-5841
4/10
Doc ID 15657 Rev 2
Figure 9.
Leakage current versus junction temperature (typical values)
Figure 7.
Peak forward voltage drop versus
peak forward current
(typical values)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IFM (A)
VFM (V)
Tj = 125 °C
Tj = 25 °C
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Zth(j-a) / Rth(j-a)
With recommended pad layout
tp (s)
(printed ciruit board FR4, S = 1 cm )
CU
2
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
IR(nA)
Tj (°C)
VR =VRM


Similar Part No. - PEP01-5841

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
PEP-1 ZORAN-PEP-1 Datasheet
217Kb / 2P
   Picture Enhancement Processor
logo
Merrimac Industries, In...
PEP-3R-10B MERRIMAC-PEP-3R-10B Datasheet
70Kb / 1P
   PHASE SHIFTERS
PEP-3R-500B MERRIMAC-PEP-3R-500B Datasheet
70Kb / 1P
   PHASE SHIFTERS
PEP-3R-60 MERRIMAC-PEP-3R-60 Datasheet
70Kb / 1P
   PHASE SHIFTERS
PEP-3R-70 MERRIMAC-PEP-3R-70 Datasheet
70Kb / 1P
   PHASE SHIFTERS
More results

Similar Description - PEP01-5841

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM275-909 PHIHONG-PSM275-909 Datasheet
198Kb / 3P
   275-Watt Power-Over-Ethernet Power Supply
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
   SP1050 Series for Power-over-Ethernet PSE Protection
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
AG9000-S ETC2-AG9000-S Datasheet
299Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com