Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8670408VPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670408VPA
Description  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8670408VPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-8670408VPA Datasheet HTML 1Page - Texas Instruments 5962-8670408VPA Datasheet HTML 2Page - Texas Instruments 5962-8670408VPA Datasheet HTML 3Page - Texas Instruments 5962-8670408VPA Datasheet HTML 4Page - Texas Instruments 5962-8670408VPA Datasheet HTML 5Page - Texas Instruments 5962-8670408VPA Datasheet HTML 6Page - Texas Instruments 5962-8670408VPA Datasheet HTML 7Page - Texas Instruments 5962-8670408VPA Datasheet HTML 8Page - Texas Instruments 5962-8670408VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
SLUS224A - SEPTEMBER 1994 - REVISED APRIL 2002
Optimized for Off-line and DC to DC
Converters
Low Start Up Current (<0.5mA)
Trimmed Oscillator Discharge Current
Automatic Feed Forward Compensation
Pulse-by-Pulse Current Limiting
Enhanced Load Response Characteristics
Under-Voltage Lockout With Hysteresis
Double Pulse Suppression
High Current Totem Pole Output
Internally Trimmed Bandgap Reference
500kHz Operation
Low RO Error Amp
Current Mode PWM Controller
The UC1842A/3A/4A/5A family of control ICs is a pin for pin compati-
ble improved version of the UC3842/3/4/5 family. Providing the nec-
essary features to control current mode switched mode power
supplies, this family has the following improved features. Start up cur-
rent is guaranteed to be less than 0.5mA. Oscillator discharge is
trimmed to 8.3mA. During under voltage lockout, the output stage
can sink at least 10mA at less than 1.2V for VCC over 5V.
The difference between members of this family are shown in the table
below.
BLOCK DIAGRAM
FEATURES
DESCRIPTION
application
INFO
available
Part #
UVLO On
UVLO Off
Maximum Duty
Cycle
UC1842A
16.0V
10.0V
<100%
UC1843A
8.5V
7.9V
<100%
UC1844A
16.0V
10.0V
<50%
UC1845A
8.5V
7.9V
<50%
Note 1:
A = DIL-8 Pin Number. B = SO-14 Pin Number.
Note 2: Toggle flip flop used only in 1844A and 1845A.
A/B


Similar Part No. - 5962-8670408VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670408VPA TI-5962-8670408VPA Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670408VPA TI1-5962-8670408VPA Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
5962-8670408VPA TI1-5962-8670408VPA Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
More results

Similar Description - 5962-8670408VPA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com