Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1914 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1914
Description  5V to 35V Hot Swap Power Manager
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1914 Datasheet(HTML) 3 Page - Texas Instruments

  UC1914 Datasheet HTML 1Page - Texas Instruments UC1914 Datasheet HTML 2Page - Texas Instruments UC1914 Datasheet HTML 3Page - Texas Instruments UC1914 Datasheet HTML 4Page - Texas Instruments UC1914 Datasheet HTML 5Page - Texas Instruments UC1914 Datasheet HTML 6Page - Texas Instruments UC1914 Datasheet HTML 7Page - Texas Instruments UC1914 Datasheet HTML 8Page - Texas Instruments UC1914 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
UC1914
UC2914
UC3914
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = 0°C to 70°C for the UC3914, –40°C to 85°C for the
UC2914, and –55°C to 125°C for the UC1914. VCC = 12V, VPUMP =VPUMP(max), SD = 5V, CP1 = CP2 = CPUMP = 0.01
µF.
TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section
OUT High Voltage
VOUTS = VCC, VPUMP = VPUMP max, with respect to
VPUMP
–1.5
–1.0
V
OUT High Voltage
VOUTS = VCC, VPUMP = VPUMP max, IOUT = –2mA,
with respect to VPUMP
–2.0
–1.5
V
OUT Low Voltage
IOUT = 0
0.8
1.3
V
IOUT = 5mA
1
2
V
IOUT = 25mA, Overload Condition, VOUTS = 0V
1.2
1.8
V
OUT Clamp Voltage
VOUTS = 0V
11.5
13.0
14.5
V
Rise Time
COUT = 1nF (Note 1)
750
1250
ns
Fall Time
COUT = 1nF (Note 1)
250
500
ns
Charge Pump Section
OSC, OSCB Frequency
60
150
250
kHz
OSC, OSCB Output High
IOSC = –5mA
10.0
11.0
11.6
V
OSC, OSCB Output Low
IOSC = 5mA
0.2
0.5
V
OSC, OSCB Output Clamp Voltage VCC = 25
18.5
20.5
22.5
V
OSC, OSCB Output Current Limit
High Side Only
–20
–10
–3
mA
Pump Diode Voltage Drop
IDIODE = 10mA, Measured from PMP to PMPB, PMPB to
VPUMP
0.5
0.9
1.3
V
PMP Clamp Voltage
VCC = 25
18.5
20.5
22.5
V
VPUMP Maximum Voltage
VCC = 12, VOUTS = VCC, Voltage Where Charge Pump
Disabled
20
22
24
V
VCC = 35V, VOUTS = VCC, Voltage Where Charge
Pump Disabled
42
45
48
V
VPUMP Hysteresis
VCC = 12, VOUTS = VCC, Voltage Where Charge Pump
Re-enabled
0.3
0.7
1.4
V
VCC = 35V, VOUTS = VCC, Charge Pump Re-enabled
0.25
0.7
1.4
V
Linear Current Section
Input Offset Voltage
–15
0
15
mV
Voltage Gain
60
80
dB
IMAX Control Voltage
IMAX = OUT, SENSE = VCC, with respect to VCC
–20
0
20
mV
IMAX = OUT, SENSE = REF, with respect to REF
–20
0
20
mV
SENSE Input Bias
1.5
3.5
µA
Reference Section
REF Output Voltage
With respect to VCC
–2.25
–2.00
–1.75
V
REF Current Limit
12.5
20.0
50.0
mA
Load Regulation
IVREF = 1mA to 5mA
25
60
mV
Line Regulation
VCC = 5V to 35V
25
100
mV
Shutdown Section
Shutdown Threshold
0.6
1.5
2.0
V
Input Current
SD = 5V
150
300
µA
Delay to Output
(Note 1)
0.5
2.0
µs
Fault Section
Fault Output Low
IFAULT = 1mA
100
200
mV
Fault Output Leakage
VFAULT = 35V
10
500
nA


Similar Part No. - UC1914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
UC1910 TI1-UC1910 Datasheet
250Kb / 7P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
UC1910 TI1-UC1910_08 Datasheet
250Kb / 7P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
More results

Similar Description - UC1914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com