Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL00290-WCY01 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00290-WCY01
Description  SMD LED Right Angle 1204 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00290-WCY01 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00290-WCY01 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA) ………...………….………...…………..…….…...…. 5.0V
Max Forward Current …………..…………………………………….…….…. 30mA
Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) …………….………..… 100mA
Operating Temperature Range ………………………….…….……... -40°C to +85°C
Storage Temperature Range …………………………...……….….… -40°C to +85°C
Reflow Soldering Temperature…………………………..…..… 260°C for 10 seconds
Power Dissipation ……………………………………………………………... 75mW
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL00290-WCY01
Yellow
GaAsP
589
120°
2.1
2.5
5.0
12.0
Dominant
Wave
Length
nm
590
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL00290 Series SMD LED Right Angle 1204 Package
03-28-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
*Oval Lens Side View Package 3.0 x 1.5 x 1.0mm
*GaAsP Yellow Chip used
*Low Current Requirements
*High Light Output
*Compatible with IR Solder-Process
*Industry Standard Footprint
*2000 or 1000 pcs per Reel
*RoHS Compliant
1.5
2.0
5.0
1.5
0.2
0.9
0.9
3.2
1.0
1
2
2
0.5
R
1
0.6
0.6
1
2
0.5
0.5
1.5
1
2
Recommended Soldering Pad Layout


Similar Part No. - PL00290-WCY01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00290-WCY02 P-TEC-PL00290-WCY02 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCY08 P-TEC-PL00290-WCY08 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
More results

Similar Description - PL00290-WCY01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00290-WCR21 P-TEC-PL00290-WCR21 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCG23 P-TEC-PL00290-WCG23 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCW03 P-TEC-PL00290-WCW03 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCY08 P-TEC-PL00290-WCY08 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCA04 P-TEC-PL00290-WCA04 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCG17 P-TEC-PL00290-WCG17 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCY02 P-TEC-PL00290-WCY02 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCA03 P-TEC-PL00290-WCA03 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCG05 P-TEC-PL00290-WCG05 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCR26 P-TEC-PL00290-WCR26 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
PL00290-WCB08 P-TEC-PL00290-WCB08 Datasheet
32Kb / 1P
   SMD LED Right Angle 1204 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com