Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8804FV Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV8804FV
Description  PC and Server Fan Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8804FV Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LV8804FV Datasheet HTML 1Page - Sanyo Semicon Device LV8804FV Datasheet HTML 2Page - Sanyo Semicon Device LV8804FV Datasheet HTML 3Page - Sanyo Semicon Device LV8804FV Datasheet HTML 4Page - Sanyo Semicon Device LV8804FV Datasheet HTML 5Page - Sanyo Semicon Device LV8804FV Datasheet HTML 6Page - Sanyo Semicon Device LV8804FV Datasheet HTML 7Page - Sanyo Semicon Device LV8804FV Datasheet HTML 8Page - Sanyo Semicon Device LV8804FV Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LV8804FV
No.A1441-6/9
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
14
COM
Motor middle point connection.
15
COMIN
Motor position detection comparator filter
pin. A capacitor must be connected between
this pin and the FIL pin (pin 16).
16
FIL
Motor position detection comparator filter
pin. A capacitor must be connected between
this pin and the COMIN pin (pin 15).
15
VG
UO VO WO
14
16
17
VREG
Regulator voltage (5V) output.
A capacitor must be connected between
these pins and ground.
VCC
17
VREG
18
F/R
Motor rotation direction switching. A
high-level input causes current to flow into
the motor in the order of U, V, and W and a
low-level input in the order of U, W, and V.
Changing the order of current application
turns the motor in the opposite direction.
18
15k
100k
VREG
Reverse signal
Forward signal
Forward/reverse
switching signal
19
CTL
Motor control voltage input.
When the control voltage is higher than 3V
(3V
< CTL voltage), the motor stops.
The motor speed is controlled by varying the
control voltage within the range of 3V to 1V
(3V
> CTL voltage > 1V). When the control
voltage becomes lower that 1V (1V
> CTL
voltage), the current limit set by the RF
resistor is reached.
20
MINSP
Minimum speed setting voltage input.
The minimum speed of the motor can be set
by resistor-dividing the regulator voltage and
feeding the resultant voltage that is within the
range of 1V to 3V (1 V
< MINSP < 3V).
19
500
VREG
20
500


Similar Part No. - LV8804FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8804FV SANYO-LV8804FV Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
   Fan Motor Driver
May, 2013
LV8804FV-D ONSEMI-LV8804FV-D Datasheet
239Kb / 10P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
More results

Similar Description - LV8804FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
LV8805V-TLM-H ONSEMI-LV8805V-TLM-H Datasheet
170Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_11 Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8804FV-D ONSEMI-LV8804FV-D Datasheet
239Kb / 10P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_12 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com