Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8111V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV8111V
Description  3-phase Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8111V Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV8111V Datasheet HTML 5Page - Sanyo Semicon Device LV8111V Datasheet HTML 6Page - Sanyo Semicon Device LV8111V Datasheet HTML 7Page - Sanyo Semicon Device LV8111V Datasheet HTML 8Page - Sanyo Semicon Device LV8111V Datasheet HTML 9Page - Sanyo Semicon Device LV8111V Datasheet HTML 10Page - Sanyo Semicon Device LV8111V Datasheet HTML 11Page - Sanyo Semicon Device LV8111V Datasheet HTML 12Page - Sanyo Semicon Device LV8111V Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LV8111V
No.A1416-11/13
3-phase Logic Truth Table
(IN = “H” indicates the state where in IN+ > IN−)
F/R = H
F/R = L
Output
IN1
IN2
IN3
IN1
IN2
IN3
OUT1
OUT2
OUT3
H
L
H
L
H
L
L
H
M
H
L
L
L
H
H
L
M
H
H
H
L
L
L
H
M
L
H
L
H
L
H
L
H
H
L
M
L
H
H
H
L
L
H
M
L
L
L
H
H
H
L
M
H
L
S/S Pin
BRSEL Pin
Input state
Mode
Input state
While stopped
High or Open
Stop
High or Open
Free run
Low
Start
Low
Short-circuit brake
CSDSEL Pin
SDCC Select
Input state
Mode
Input state
Mode
High or Open
LD standard
F/R = High or Open
Function OFF
Low
FG standard
F/R = Low
Function ON
LV8111V Description
1. Speed Control Circuit
This IC can realize a high efficiency, low-jitter, a stable rotation by adopting the PLL speed control method.
This the PLL circuit compares the phase difference of the edge between the CLK signal and the FG signal and controls
by using the output of error. The FG servo frequency under control becomes congruent with the CLK frequency.
fFG (Servo) = fCLK
2. Output Drive Circuit
This IC adopts the direct PWM drive method to reduce power loss in the output. The output transistor is always
saturated while the transistor is on and adjusts the driving force of the motor by changing the duty that the output
transistor is on.
The PWM switching of the output is performed by the upper-side output transistor.
Also, this IC has a parasitic diode of the output DMOS as a regeneration route when the PWM switching is off.
But, this IC is cut down the fever than the diode regeneration by performing synchronous rectification.
3. Current Limiter Circuit
This IC limits the (peak) current at the value
I = VRF / Rf (VRF = 0.515V (typical), Rf : current detection resister)).
The current limitation operation consists of reducing the PWM output on duty to suppress the current.
To prevent malfunction of the current limitation operation when the reverse recovery current of diode is detected, the
operation has a delay (approximately 300ns). In case of a coil resistance of motor is small or small inductance, since
the current change at start-up is fast, there is a possibility that the current more than specified current is flowed by this
delay.
It is necessary to set the current increases by the delay.
4. Power Saving Circuit
This IC becomes the power saving state of decreasing the consumption current in the stop state. The bias current of the
majority circuits is cut in the power saving state. Also, 5V regulator output is output in the power saving state.
5. Reference Clock
Note that externally-applied clock signal has no noise of chattering. The input circuit has a hysteresis.
But, if noise is a problem, that noise must be excluded by inserting capacitors across the inputs.
If clock input goes to the no input state when the IC is in the start state, the drive is turned off after a few rotation of
motor if the motor constrained protection circuit does operate. (Clock disconnection protection)


Similar Part No. - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8111V SANYO-LV8111V Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LV8111V-TLM-E ONSEMI-LV8111V-TLM-E Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8111VB ONSEMI-LV8111VB Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
LV8111VB-AH ONSEMI-LV8111VB-AH Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
More results

Similar Description - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com