Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5654T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5654T
Description  4-Channel Switching Regulator Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5654T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5654T Datasheet HTML 1Page - Sanyo Semicon Device LV5654T Datasheet HTML 2Page - Sanyo Semicon Device LV5654T Datasheet HTML 3Page - Sanyo Semicon Device LV5654T Datasheet HTML 4Page - Sanyo Semicon Device LV5654T Datasheet HTML 5Page - Sanyo Semicon Device LV5654T Datasheet HTML 6Page - Sanyo Semicon Device LV5654T Datasheet HTML 7Page - Sanyo Semicon Device LV5654T Datasheet HTML 8Page - Sanyo Semicon Device LV5654T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
D2408 MS PC 20081030-S00001 No.A1360-1/10
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LV5654T
Overview
The LV5654T is a 4-channel switching regulator controller.
Features
• Low-voltage (3V) operation.
• Reference voltage precision : ±1%.
• Independent standby functions for each of the four channels.
• Is capable of driving MOS transistors.
• Synchronous rectification : channel 1 and channel 2.
• Supports inverting step-up operation (channel 3).
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC max
VCC pin
-0.3 to 16
V
Maximum supply voltage 2
VBVIAS max
VBIAS pin
-0.3 to 18
V
Maximum clock input voltage
VCLKIN max
CLKIN pin
5.5
V
Allowable power dissipation
Pd max
Independent IC
0.4
W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC
VCC pin
3 to 15
V
Supply voltage 2
VBIAS
VBIAS pin
3 to 15
V
Clock input voltage
VCLKIN
CLKIN pin
5
V
Timing resistor
RT
7 to 30
k
Timing capacitor
CT
100 to 1000
pF
Triangle wave frequency
fOSC
0.1 to 1.3
MHz
Bi-CMOS IC
4-Channel Switching Regulator
Controller
Ordering number : ENA1360


Similar Part No. - LV5654T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
LV5655VB SANYO-LV5655VB Datasheet
119Kb / 9P
   3-channel Switching Regulator Controller
More results

Similar Description - LV5654T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9737KV ROHM-BA9737KV Datasheet
87Kb / 5P
   4-channel switching regulator controller
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BD9731KV ROHM-BD9731KV Datasheet
201Kb / 2P
   5-channel switching regulator controller
BA9706K ROHM-BA9706K Datasheet
348Kb / 11P
   3-channel switching regulator controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com