Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL00286-WCRGB261708 Datasheet(PDF) 1 Page - P-tec Corporation

Part No. PL00286-WCRGB261708
Description  Tri-Color SMD LED 1214 Package
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  P-TEC [P-tec Corporation]
Homepage  http://www.p-tec.net
Logo 

PL00286-WCRGB261708 Datasheet(HTML) 1 Page - P-tec Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL00286-WCRGB261708
Red
Yellow-Green
Blue
AlGaInP
AlGaInP
GaN
650
574
-
120°
1.95
2.1
3.7
2.4
2.6
4.0
35.0
35.0
25.0
60.0
60.0
40.0
Dominant
Wave
Length
nm
630
570
470
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL00286 Series Tri-Color SMD LED 1214 Package
04-04-07 REV 1 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Recommended Soldering Pad Layout
3.2
3.6
0.5
2.0
1.9
1
2
3
4
5
6
2.1
0.55
0.55
0.3
1.0
1.1
2.6
Cathode Mark
1
2
3
4
5
6
Red
Green
Blue
1.5
2.0
1.5
0.9
1.35
3.6
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 mA)………………………...……………………………….… 5.0V
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) (Red).................................. 150mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) (Green & Blue).................. 100mA
Operating Temperature Range….……………………………….…….… -40°C to +85°C
Storage Temperature Range….……….……….………………….…...… -40°C to +85°C
Reflow Soldering Temperature…………………….….………..…. 260°C for 10 seconds
Power Dissipation (Blue)…………….………………………….……………….. 120mW
Power Dissipation (Red)………………………………………………………..…. 72mW
Max Forward Current……..……………………………………….………...…….. 30mA
Power Dissipation (Green)…………………………………………….………..…. 78mW
*Flat Lens Package 3.2 x 3.6 x 1.1mm
*AlGaInP Ultra Bright Red and Green
and GaN Blue LED Chips used
*Low Current Requirements
*High Light Output
*Compatible with IR Solder-Process
*Industry Standard Footprint
*For use as Optical Indicator, Backlighting
*2000 or 1000 pcs per Reel
*RoHS Compliant


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn