Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC1848 Datasheet(PDF) 4 Page - Texas Instruments

Part No. UC1848
Description  Average Current Mode PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

UC1848 Datasheet(HTML) 4 Page - Texas Instruments

  UC1848 Datasheet HTML 1Page - Texas Instruments UC1848 Datasheet HTML 2Page - Texas Instruments UC1848 Datasheet HTML 3Page - Texas Instruments UC1848 Datasheet HTML 4Page - Texas Instruments UC1848 Datasheet HTML 5Page - Texas Instruments UC1848 Datasheet HTML 6Page - Texas Instruments UC1848 Datasheet HTML 7Page - Texas Instruments UC1848 Datasheet HTML 8Page - Texas Instruments UC1848 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UC1848
UC2848
UC3848
Figure 1: Under voltage lockout.
UDG-93004
Figure 2: Oscillator frequency.
10
100
1000
10000
10
100
1000
10000
C (pF)
Oscillator Frequency as a Function of CT
Frequency Decrease as a Function of RT
RT = Open
UDG-93006
UDG-93005
When both the UV and VCC comparators are high, the
internal bias circuitry for the rest of the chip is activated.
The CDC pin (see discussion on Maximum Duty Cycle
Control and Soft Start) and the Output are held low until
VREF exceeds the 4.5V threshold of the VREF com-
parator. When VREF is good, control of the output driver
is transferred to the PWM circuitry and CDC is allowed to
charge.
If any of the three UVLO comparators go low, the UVLO
latch is set, the output is held low, and CDC is dis-
charged. This state will be maintained until all three com-
parators are high and the CDC pin is fully discharged.
APPLICATION INFORMATION (cont.)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UC1886Average Current Mode PWM Controller IC 1 2 3 4 5 MoreTexas Instruments
UC1842ACurrent Mode PWM Controller 1 2 3 4 5 MoreTexas Instruments
UCC1884Frequency Foldback Current Mode PWM Controller 1 2 3 4 5 MoreTexas Instruments
FA13844N-TE1CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreFuji Electric
UC1843Current Mode PWM Controller 1 2 3 Texas Instruments
UC1846Current Mode PWM Controller 1 2 3 4 5 MoreTexas Instruments
UC3844THIGH PERFORMANCE CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
AMC3842BCURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
UC1826Secondary Side Average Current Mode Controller 1 2 3 4 5 MoreTexas Instruments
HV9605High Voltage Current Mode PWM Controller for ISDN Equipment 1 2 3 4 5 Supertex, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn