Electronic Components Datasheet Search |
|
LC87F2J32A Datasheet(PDF) 11 Page - Sanyo Semicon Device |
|
LC87F2J32A Datasheet(HTML) 11 Page - Sanyo Semicon Device |
11 / 30 page LC87F2J32A No.A1384-11/30 Port Output Types The table below lists the types of port outputs and the presence/absence of a pull-up resistor. Data can be read into any input port even if it is in the output mode. Port Name Option Selected in Units of Option Type Output Type Pull-up Resistor 1 CMOS Programmable (Note 1) P00 to P07 1 bit 2 Nch-open drain Programmable (Note 1) 1 CMOS Programmable P10 to P17 1 bit 2 Nch-open drain Programmable 1 CMOS Programmable P20 to P27 1 bit 2 Nch-open drain Programmable 1 CMOS Programmable P30 to P36 1 bit 2 Nch-open drain Programmable P70 - No Nch-open drain Programmable P71 to P73 - No CMOS Programmable PWM0, PWM1 - No CMOS No XT1 - No Input for 32.768kHz crystal oscillator (Input only) No XT2 - No Output for 32.768kHz crystal oscillator (Nch-open drain when in general-purpose output mode) No CF1 - No Input for ceramic resonator oscillator (Input only) No CF2 - No Output for ceramic resonator oscillator (Nch-open drain when in general-purpose output mode) No Note 1: The control of the presence or absence of the programmable pull-up resistors for port 0 and the switching between low- and high-impedance pull-up connection is exercised in 1-bit units. |
Similar Part No. - LC87F2J32A |
|
Similar Description - LC87F2J32A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |