Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75525AVA Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA75525AVA
Description  VIF/SIF Signal-Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75525AVA Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA75525AVA Datasheet HTML 2Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 3Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 4Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 5Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 6Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 7Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 8Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 9Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LA75525AVA
No.A1256-7/10
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
8
APC FILTER
PLL detector APC filter connection. For this APC filter we
recommend:
R = 150
C = 0.47
µF
8
1k
VCC
FROM
APC DET
1k
20k
A
B
9
COMPOSIT
VIDEO
OUTPUT
Output for the video signal that includes the SIF carrier. A resistor
must be inserted between pin 9 and ground to acquire adequate
drive capability
R2
≥ 560Ω
9
1.5k
2k
10
US/JP-TV/FM
SW
Please use this pin only with OPEN.
10
1k
66k
34k
11
REFERENCE
CP INPUT
Reference frequency input from this pin. The reference frequency
is 3.58MHz, inserting 270k
Ω between this pin to GND.
The reference frequency is 4.0MHz, this pin leaving open.
11
500
200k
5pF
12
AFT OUTPUT
AFT output. AFT center voltage is generated by an external
bleeder. The AFT gain is increased by increasing the resistance
of this external bleeder resister. However, this resister must not
exceed 390
Ω.
This circuit includes a control function that control the AFT voltage
to naturally approach the center voltage during weak field
reception.
12
300
300
300
3pF
Continued on next page.


Similar Part No. - LA75525AVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
More results

Similar Description - LA75525AVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
Rohm
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7357S ROHM-BA7357S Datasheet
178Kb / 15P
   VIF / SIF signal processor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz