Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2827 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC2827
Description  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2827 Datasheet(HTML) 5 Page - Texas Instruments

  UC2827 Datasheet HTML 1Page - Texas Instruments UC2827 Datasheet HTML 2Page - Texas Instruments UC2827 Datasheet HTML 3Page - Texas Instruments UC2827 Datasheet HTML 4Page - Texas Instruments UC2827 Datasheet HTML 5Page - Texas Instruments UC2827 Datasheet HTML 6Page - Texas Instruments UC2827 Datasheet HTML 7Page - Texas Instruments UC2827 Datasheet HTML 8Page - Texas Instruments UC2827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UC1827-1, UC1827-2
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365A – APRIL 1999 – REVISED AUGUST 2005
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
N or
NAME
Q
DW
5Soft-start pin requires a capacitor to GND. During soft-start the output of the voltage error amplifier is
SS
4
5
O
clamped to the soft-start capacitor voltage which is slowly charged by an internal current source. In
UVLO, SS is held low.
A bidirectional pin for the oscillator., used to synchronize several chips to the fastest oscillator. Its input
synchronization threshold is 1.4 V. The SYNC voltage is 3.6 V when the oscillator capacitor, CT, is
SYNC
19
21
I
discharged. Otherwise it is 0 V. If the recommended synchronization circuit is not used, a 1 k
Ω or lower
value resistor from SYNC to GND may be needed to increase the fall time of the signal at SYNC.
A voltage source connected to this pin supplies the power for the UC3827. It is recommended to bypass
VCC
23
27
I
this pin to both GND and PGND ground connections with good quality high frequency capacitors
VEA+
14
15
I
Non-inverting input of the voltage error amplifier
VEA-
16
18
I
Inverting input of the voltage error amplifier
VEAO
10
11
O
Output of the voltage error amplifier
Supply voltage for the buck output. The floating driver of the UC3827 uses the bootstrap technique
which requires a reservoir capacitor to store the required energy for the on time of the buck switch. A
V+
1
1
I
diode must be connected from VCC to V+ to charge the reservoir capacitor. This diode must be able to
withstand VIN. The reservoir capacitor must be connected between V+ and SRC.
Unless otherwise spsecified, V
VCC = 15 V, VV+ = 14.3 V, CCT = 340 pF, RRT = 10 kΩ, RDELAY = 24.3 kΩ, VSRC = VGND = VBUCK=
V
PUSH = VPULL outputs no load, TJ = TA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VCC UVLO, Turn-on
8.3
8.8
9.5
V
Hysteresis
0.9
1.2
1.5
V
IVCC
Supply current start
VVCC = 8 V
1000
µA
IVCC
Supply current run
32
45
mA
IV+ buck high
0.2
1
2
mA
VOLTAGE ERROR AMPLIFIER
IB
0.5
3
µA
VIO
10
mV
AVOL
80
95
dB
GBW(1)
Gain bandwidth
1
4
MHz
VOL
Low-level output voltage
IVEAO = 0 µA (No load)
0.3
0.5
V
VOH
High-level output voltage
IVEAO = 0 µA (No load)
2.85
3
3.20
V
CURRENT SENSE AMPLIFIER
IB
–1
–5
µA
VIO
5
mV
AVOL
80
110
dB
GBW (1)
Gain bandwidth
15
29
MHz
VOL
Low-level output voltage
ICEAO = 0 µA (No load)
0.25
0.5
V
VOH
High-level output voltage
ICEAO = 0 µA (No load)
3
3.3
V
CMRR
Common mode range(1)
-0.3
2
V
CURRENT ERROR AMPLIFIER
IB
–1
–5
µA
VIO
10
mV
AVOL
80
110
dB
(1)
Ensured by design. Not production tested.
5


Similar Part No. - UC2827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827-2 TI1-UC2827-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827DW-1 TI1-UC2827DW-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827DW-1G4 TI1-UC2827DW-1G4 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC2827DW-2 TI1-UC2827DW-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
More results

Similar Description - UC2827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com