Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5871 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH5871
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5871 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH5871 Datasheet HTML 1Page - Sanyo Semicon Device CPH5871 Datasheet HTML 2Page - Sanyo Semicon Device CPH5871 Datasheet HTML 3Page - Sanyo Semicon Device CPH5871 Datasheet HTML 4Page - Sanyo Semicon Device CPH5871 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH5871
No. A1401-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
[SBD]
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
V
RSM
35
V
Average Output Current
I
O
1A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=2A
2.0
3.4
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=2A, VGS=4.5V
40
52
RDS(on)2
ID=1A, VGS=2.5V
53
74
RDS(on)3
ID=0.5A, VGS=1.8V
82
132
Input Capacitance
Ciss
VDS=10V, f=1MHz
430
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
59
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
38
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
See specified Test Circuit.
41
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
36
ns
Fall Time
tf
See specified Test Circuit.
37
ns
Total Gate Charge
Qg
VDS=15V, VGS=4.5V, ID=3.5A
4.7
nC
Gate-to-Source Charge
Qgs
VDS=15V, VGS=4.5V, ID=3.5A
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=15V, VGS=4.5V, ID=3.5A
1.1
nC
Diode Forward Voltage
VSD
IS=3.5A, VGS=0V
0.8
1.2
V
[SBD]
Reverse Voltage
VR
IR=0.5mA
30
V
Forward Voltage
VF1IF=0.7A
0.45
0.5
V
VF2IF=1A
0.48
0.53
V
Reverse Current
IR
VR=16V
15
μA
Interterminal Capacitance
C
VR=10V, f=1MHz, 1 cycle
27
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Package Dimensions
Electrical Connection
unit : mm (typ)
7017A-005
1 : Cathode
2 : Drain
3 : Gate
4 : Source
5 : Anode
SANYO : CPH5
2
1
4
53
2.9
0.05
0.4
0.15
0.95
54
3
12
1 : Cathode
2 : Drain
3 : Gate
4 : Source
5 : Anode
Top view


Similar Part No. - CPH5871

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5871 ONSEMI-CPH5871 Datasheet
487Kb / 6P
   Single N-Channel Power MOSFET
March 2015 - Rev. 2
logo
Sanyo Semicon Device
CPH5871-TL-H SANYO-CPH5871-TL-H Datasheet
531Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH5871-TL-H ONSEMI-CPH5871-TL-H Datasheet
487Kb / 6P
   Single N-Channel Power MOSFET
March 2015 - Rev. 2
CPH5871-TL-W ONSEMI-CPH5871-TL-W Datasheet
487Kb / 6P
   Single N-Channel Power MOSFET
March 2015 - Rev. 2
logo
Sanyo Semicon Device
CPH5871 SANYO-CPH5871_12 Datasheet
531Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH5871

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com