Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9236A08DER Datasheet(PDF) 32 Page - Torex Semiconductor

Part # XC9236A08DER
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9236A08DER Datasheet(HTML) 32 Page - Torex Semiconductor

Back Button XC9236A08DER Datasheet HTML 25Page - Torex Semiconductor XC9236A08DER Datasheet HTML 26Page - Torex Semiconductor XC9236A08DER Datasheet HTML 27Page - Torex Semiconductor XC9236A08DER Datasheet HTML 28Page - Torex Semiconductor XC9236A08DER Datasheet HTML 29Page - Torex Semiconductor XC9236A08DER Datasheet HTML 30Page - Torex Semiconductor XC9236A08DER Datasheet HTML 31Page - Torex Semiconductor XC9236A08DER Datasheet HTML 32Page - Torex Semiconductor XC9236A08DER Datasheet HTML 33Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
32/33
XC9235/XC9236/XC9237 Series
① represent product series
PRODUCT
SERIES
XC9235
XC9236
XC9237
A
4
5
6
B
C
D
E
C
K
L
M
D
K
L
M
E
4
5
6
F
2
7
B
G
C
D
E
② represents integer number of output voltage and oscillation frequency
●A/B/C/F Series
MARK
OUTPUT
VOLTAGE (V)
fOSC=1.2MHz
fOSC=3.0MHz
0.X
A
F
1.X
B
H
2.X
C
K
3.X
D
L
4.X
E
M
E/G/D Series
MARK
OUTPUT
VOLTAGE (V)
fOSC=1.2MlHz
fOSC=3.0MlHz
0.X
N
U
1.X
P
V
2.X
R
X
3.X
S
Y
4.X
T
Z
③ represents decimal point of output voltage
VOUT (V)
MARK
VOUT (V)
MARK
X.00
0
X.05
A
X.10
1
X.15
B
X.20
2
X.25
C
X.30
3
X.35
D
X.40
4
X.45
E
X.50
5
X.55
F
X.60
6
X.65
H
X.70
7
X.75
K
X.80
8
X.85
L
X.90
9
X.95
M
④⑤ represents production lot number
Order of 01, …09, 10, 11, …99, 0A, …0Z, 1A, …9Z, A0, …Z9, AA, …ZZ.
(G, I, J, O, Q, W excluded)
*No character inversion used.
■MARKING RULE
●SOT-25, USP-6C, USP-6EL
SOT-25
(TOP VIEW)
USP-6C/USP-6EL
(Top View)
USP-6C/USP-6EL
(TOP VIEW)


Similar Part No. - XC9236A08DER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A08CMR TOREX-XC9236A08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9236A08DER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com