Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01NA Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 55GN01NA
Description  UHF Wide-band Low-noise Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

55GN01NA Datasheet(HTML) 4 Page - Sanyo Semicon Device

  55GN01NA Datasheet HTML 1Page - Sanyo Semicon Device 55GN01NA Datasheet HTML 2Page - Sanyo Semicon Device 55GN01NA Datasheet HTML 3Page - Sanyo Semicon Device 55GN01NA Datasheet HTML 4Page - Sanyo Semicon Device 55GN01NA Datasheet HTML 5Page - Sanyo Semicon Device 55GN01NA Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
55GN01NA
No. A1116-4/6
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.943
--21.54
3.196
157.89
0.049
75.41
0.976
--12.26
200
0.859
--42.64
3.033
137.45
0.089
62.59
0.918
--23.34
400
0.621
--84.31
2.581
101.05
0.141
42.68
0.765
--40.98
600
0.398
--128.72
2.188
70.15
0.163
34.48
0.643
--53.98
800
0.293
175.87
1.845
43.99
0.186
31.55
0.557
--67.68
1000
0.321
128.34
1.586
21.39
0.224
30.55
0.476
--85.66
1200
0.412
98.48
1.387
1.15
0.286
25.00
0.402
--111.30
1400
0.506
79.14
1.203
--17.54
0.360
14.93
0.338
--149.61
1600
0.608
63.42
1.041
--34.64
0.428
1.54
0.338
162.40
1800
0.682
49.93
0.880
--48.35
0.479
--13.03
0.409
121.17
2000
0.730
37.12
0.746
--59.47
0.510
--27.54
0.507
91.78
VCE=5V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.804
--32.40
8.238
142.84
0.045
73.04
0.893
--19.66
200
0.585
--55.65
6.453
116.32
0.073
62.58
0.746
--30.06
400
0.290
--84.97
4.082
82.70
0.123
54.56
0.584
--41.23
600
0.130
--115.59
2.993
59.77
0.168
48.90
0.499
--51.80
800
0.085
161.69
2.401
40.03
0.223
40.68
0.418
--66.00
1000
0.175
112.07
2.029
21.35
0.280
31.13
0.324
--84.62
1200
0.293
91.78
1.768
3.22
0.336
20.03
0.227
--112.98
1400
0.412
77.04
1.538
--14.06
0.389
7.76
0.157
--164.54
1600
0.531
63.46
1.337
--30.59
0.433
--5.27
0.199
134.30
1800
0.621
50.74
1.147
--45.02
0.466
--17.84
0.303
100.00
2000
0.685
38.34
0.990
--57.83
0.491
--30.60
0.411
79.31
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.682
--38.10
11.302
132.99
0.040
71.69
0.817
--22.99
200
0.442
--56.42
7.763
106.10
0.068
65.81
0.660
--30.32
400
0.208
--71.35
4.460
77.25
0.121
59.57
0.531
--39.30
600
0.088
--86.87
3.190
57.12
0.176
52.06
0.459
--50.11
800
0.034
149.18
2.542
39.04
0.235
42.45
0.378
--65.34
1000
0.140
104.71
2.150
21.30
0.295
30.94
0.279
--84.88
1200
0.266
89.28
1.863
3.90
0.350
18.79
0.177
--116.24
1400
0.390
75.83
1.622
--12.95
0.401
5.97
0.121
179.23
1600
0.510
63.13
1.413
--28.93
0.438
--6.84
0.192
118.31
1800
0.602
50.55
1.219
--43.09
0.467
--19.34
0.299
90.37
2000
0.668
38.16
1.055
--55.85
0.490
--31.84
0.403
72.89
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.485
--41.64
15.144
118.22
0.036
72.52
0.696
--25.07
200
0.302
--47.04
8.855
95.57
0.063
71.31
0.571
--27.92
400
0.173
--47.23
4.759
72.34
0.123
63.65
0.483
--36.07
600
0.093
--47.78
3.367
54.88
0.184
54.28
0.422
--48.07
800
0.016
30.84
2.673
38.26
0.246
42.91
0.342
--64.25
1000
0.113
95.22
2.252
21.35
0.309
30.98
0.237
--85.29
1200
0.241
86.37
1.949
4.47
0.363
17.56
0.132
--122.60
1400
0.369
74.46
1.689
--11.79
0.410
4.53
0.105
153.44
1600
0.493
62.03
1.477
--27.39
0.444
--8.58
0.202
103.83
1800
0.588
50.01
1.273
--40.99
0.468
--21.13
0.313
81.36
2000
0.656
37.87
1.111
--53.67
0.489
--33.27
0.409
66.66


Similar Part No. - 55GN01NA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
logo
ON Semiconductor
55GN01CA ONSEMI-55GN01CA Datasheet
296Kb / 8P
   RF Transistor
August, 2013
55GN01CA-TB-E ONSEMI-55GN01CA-TB-E Datasheet
296Kb / 8P
   RF Transistor
August, 2013
More results

Similar Description - 55GN01NA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
   UHF Low-Noise, Wide-Band Amplifier Applications???????
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
   UHF Wide-band Low-noise Amplifier Applications
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com