Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9236B08CER Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9236B08CER
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9236B08CER Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9236B08CER Datasheet HTML 5Page - Torex Semiconductor XC9236B08CER Datasheet HTML 6Page - Torex Semiconductor XC9236B08CER Datasheet HTML 7Page - Torex Semiconductor XC9236B08CER Datasheet HTML 8Page - Torex Semiconductor XC9236B08CER Datasheet HTML 9Page - Torex Semiconductor XC9236B08CER Datasheet HTML 10Page - Torex Semiconductor XC9236B08CER Datasheet HTML 11Page - Torex Semiconductor XC9236B08CER Datasheet HTML 12Page - Torex Semiconductor XC9236B08CER Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9/33
XC9235/XC9236/XC9237
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●XC9237D(F)08Cxx, FB Type, fOSC=1.2MHz, Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT CIRCUIT
FB Voltage
VFB
VIN = VCE =5.0V, The VFB at Lx=”High"
(*11) while
decreasing FB pin voltage from 0.9V.
0.784
0.800
0.816
V
Operating Voltage Range
VIN
1.8
-
6.0
V
Maximum Output Current
IOUTMAX
VIN=3.2V, VCE=1.0V
When connected to external components
(*9)
600
-
-
mA
UVLO Voltage
VUVLO
VCE = VIN , VFB = 0.4V,
Voltage which Lx pin holding “L” level
(*1,*11)
1.00
1.40
1.78
V
Supply Current
IDD
VIN =VCE=5.0V, VFB= 0.88V
-
15
μA
Stand-by Current
ISTB
VIN =5.0V, VCE=0V, VFB= 0.88V
-
0
1.0
μA
Oscillation Frequency
fOSC
When connected to external components,
VIN = 3.2V, VCE=1.0V, IOUT=100mA
1020
1200
1380
kHz
PFM Switching Current
IPFM
When connected to external components,
VIN =3.2V, VCE = VIN , IOUT=1mA
(*12)
120
160
200
mA
PFM Duty Limit
DTYLIMIT_PFM
VCE= VIN =2.0V IOUT=1mA
(*12)
200
%
Maximum Duty Cycle
DTYMAX
VIN = VCE =5.0V, VFB = 0.72V
100
-
-
%
Minimum Duty Cycle
DTYMIN
VIN = VCE =5.0V, VFB = 0.88V
-
-
0
%
Efficiency
(*2)
EFFI
When connected to external components,
VCE = VIN = 2.4V, IOUT = 100mA
-
92
-
%
Lx SW "H" ON Resistance 1
RL
xH
VIN = VCE = 5.0V, VFB = 0.72V,ILX = 100mA
(*3)
-
0.35
0.55
Ω
Lx SW "H" ON Resistance 2
RL
xH
VIN = VCE = 3.6V, VFB = 0.72V,ILX = 100mA
(*3)
-
0.42
0.67
Ω
Lx SW "L" ON Resistance 1
RL
xL
VIN = VCE = 5.0V
(*4)
-
0.45
0.66
Ω
-
Lx SW "L" ON Resistance 2
RL
xL
VIN = VCE = 3.6V
(*4)
-
0.52
0.77
Ω
-
Lx SW "H" Leak Current
(*5)
ILeakH
VIN = VFB = 5.0V, VCE = 0V, LX= 0V
-
0.01
1.0
μA
Current Limit
(*10)
ILIM
VIN = VCE= 5.0V, VFB = 0.72V
(*8)
900
1050
1350
mA
Output Voltage
Temperature Characteristics
△VOUT/
(VOUT・△Topr)
IOUT =30mA
-40℃≦Topr≦85℃
-
±100
-
ppm/ ℃
CE "H" Voltage
VCEH
VFB =0.72V, Applied voltage to VCE,
Voltage changes Lx to “H” level
(*11)
0.65
-
6.0
V
CE "L" Voltage
VCEL
VFB =0.72V, Applied voltage to VCE,
Voltage changes Lx to “L” level
(*11)
VSS
-
0.25
V
PWM "H" Level Voltage
VPWMH
When connected to external components,
IOUT=1mA
(*6), Voltage which oscillation
frequency becomes 1020kHz≦fOSC≦1380kHz
(*13)
-
-
VIN - 1.0
V
PWM "L" Level Voltage
VPWML
When connected to external components,
IOUT=1mA
(*6), Voltage which oscillation
frequency becomes fOSC<1020kHz
(*13)
VIN -
0.25
-
-
V
CE "H" Current
ICEH
VIN = VCE =5.0V, VFB =0.72V
- 0.1
-
0.1
μA
CE "L" Current
ICEL
VIN =5.0V, VCE = 0V, VFB =0.72V
- 0.1
-
0.1
μA
Soft Start Time (D series)
0.5
1.0
2.5
Soft Start Time (F series)
tSS
When connected to external components,
VCE = 0V → VIN , IOUT=1mA
-
0.25
0.40
ms
Latch Time
tLAT
VIN=VCE=5.0V, VFB=0.64, Short Lx at 1Ω
resistance
(*7)
1.0
-
20.0
ms
Short Protection Threshold
Voltage
VSHORT
VIN = VCE =5.0V, The VFB at Lx=”Low"
(*11) while
decreasing FB pin voltage from 0.4V.
0.15
0.200
0.25
V
CL Discharge
RDCHG
VIN = 5.0V ,LX = 5.0V, VCE = 0V, VFB= open
200
300
450
Ω
Test conditions: VOUT=1.2V when the external components are connected. Unless otherwise stated, VIN=5.0V, VOUT(E)=Nominal Voltage, applied voltage sequence is
VOUT→VIN→VCE
NOTE:
*1: Including hysteresis operating voltage range.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: R&D value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6: The CE/MODE pin of the XC9237A series works also as an external switching pin of PWM control and PWM/PFM control. When the IC is in the operation,
control is switched to the automatic PWM/PFM switching mode when the CE/MODE pin voltage is equal to or greater than VIN minus 0.3V, and to the PWM
mode when the CE/MODE pin voltage is equal to or lower than VIN minus 1.0V and equal to or greater than VCEH.
*7: Time until it short-circuits VFB with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse generating.
*8: When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
*9: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*10: Current limit denotes the level of detection at peak of coil current.
*11: “H”=VIN~VIN-1.2V, “L”=+0.1V~-0.1V
*12: XC9235 series exclude IPFM and DTYLIMIT_PFM because those are only for the PFM control’s functions.
*13: XC9235/9236 series exclude VPWMH and VPWML because those are only for the XC9237 series’ functions.


Similar Part No. - XC9236B08CER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236B08CMR TOREX-XC9236B08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9236B08CER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com