Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A12BPR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6601A12BPR
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A12BPR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6601A12BPR Datasheet HTML 4Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 5Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 6Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 7Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 8Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 9Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 10Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 11Page - Torex Semiconductor XC6601A12BPR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8/33
XC6601 Series
E-2
DROPOUT VOLTAGE 2 (mV)
Vdif 2
VBIAS =3.0(V)
VBIAS =3.3(V)
VBIAS =3.6(V)
VBIAS =4.2(V)
VBIAS =5.0(V)
NOMINAL
OUTPUT
VOLTAGE (V)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
VOUT (T)
Vgs
(*1)
(V)
TYP.
MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP.
MAX.
Vgs
(V)
TYP.
MAX.
0.70
2.30
81
300
2.60
74
300
2.90
68
300
3.50
62
300
4.30
57
300
0.75
2.25
250
2.55
250
2.85
250
3.45
250
4.25
250
0.80
2.20
85
200
2.50
76
200
2.80
70
200
3.40
63
200
4.20
58
200
0.85
2.15
150
2.45
150
2.75
150
3.35
150
4.15
150
0.90
2.10
88
131
2.40
78
117
2.70
72
110
3.30
63
100
4.10
58
100
0.95
2.05
2.35
2.65
3.25
4.05
1.00
2.00
90
139
2.30
81
123
2.60
74
111
3.20
64
98
4.00
58
88
1.05
1.95
2.25
2.55
3.15
3.95
1.10
1.90
96
146
2.20
85
127
2.50
76
114
3.10
65
101
3.90
59
90
1.15
1.85
2.15
2.45
3.05
3.85
1.20
1.80
101
154
2.10
88
131
2.40
78
117
3.00
67
103
3.80
59
91
1.25
1.75
2.05
2.35
2.95
3.75
1.30
1.70
108
170
2.00
90
139
2.30
81
123
2.90
68
106
3.70
60
92
1.35
1.65
1.95
2.25
2.85
3.65
1.40
1.60
115
179
1.90
96
146
2.20
85
127
2.80
70
108
3.60
61
93
1.45
1.55
1.85
2.15
2.75
3.55
1.50
1.50
122
192
1.80
101
154
2.10
88
131
2.70
72
110
3.50
62
94
1.55
1.45
129
197
1.75
2.05
2.65
3.45
1.60
1.40
135
206
1.70
108
170
2.00
90
139
2.60
74
111
3.40
63
95
1.65
1.35
145
223
1.65
1.95
2.55
3.35
1.70
1.30
154
248
1.60
115
179
1.90
96
146
2.50
76
114
3.30
63
97
1.75
1.25
165
293
1.55
1.85
2.45
3.25
1.80
1.20
175
353
1.50
122
192
1.80
101
154
2.40
78
117
3.20
64
98
*1): Vgs is a Gate –Source voltage of the driver transistor that is defined as the value of VBIAS - VOUT (T).
DROPOUT VOLTAGE CHART
(Continued)


Similar Part No. - XC6601A12BPR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A12BPR TOREX-XC6601A12BPR Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A12BPR

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com