Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6221D402GR-G Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6221D402GR-G
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221D402GR-G Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6221D402GR-G Datasheet HTML 10Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 11Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 12Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 13Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 14Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 15Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 16Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 17Page - Torex Semiconductor XC6221D402GR-G Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/23
XC6221 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6221x182
0
10
20
30
40
50
60
70
01
23
45
6
Input Voltage: V
IN (V)
Topr=85℃
Topr=25℃
Topr=-40℃
XC6221x302
0
10
20
30
40
50
60
70
0
123
456
Input Voltage:V
IN (V)
Topr=85℃
Topr=25℃
Topr=-40℃
CE=VIN, CIN=CL=1.0uF (ceramic)
CE=VIN, CIN=CL=1.0uF (ceramic)
XC6221B
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
Ambient Temperature: Topr (℃)
V
IN=6.0V, CE=VSS, VOUT=4.0V
CIN=CL=1.0uF (ceramic)
XC6221x302
2.5
2.6
2.7
2.8
2.9
3
3.1
Time (500us/div)
0
50
100
150
200
250
300
XC6221x182
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Time (500us/div)
0
50
100
150
200
250
300
Output Current
Output Voltage
Output Voltage
Output Current
VIN=CE=4.0V, Tr=Tf=5us
Topr=25℃, CIN=CL=1uF (ceramic)
VIN=CE=2.8V, Tr=Tf=5us
Topr=25℃, CIN=CL=1uF (ceramic)
(5) Supply Current vs. Input Voltage
(7) Load Transient Response
(6) CL-Discharge Resistance vs. Ambient Temperature


Similar Part No. - XC6221D402GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6221B TOREX-XC6221B Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221D402GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com