Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601B12BER-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6601B12BER-G
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601B12BER-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6601B12BER-G Datasheet HTML 3Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 4Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 5Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 6Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 7Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 8Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 9Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 10Page - Torex Semiconductor XC6601B12BER-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7/33
XC6601
Series
E-1
DROPOUT VOLTAGE 1 (mV)
Vdif 1
VBIAS=3.0 (V)
VBIAS=3.3 (V)
VBIAS=3.6 (V)
VBIAS=4.2 (V)
VBIAS=5.0 (V)
NOMINAL
OUTPUT
VOLTAGE (V)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
VOUT(T)
Vgs
(*1)
(V)
TYP. MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP. MAX.
0.70
2.30
40
300
2.60
35
300
2.90
33
300
3.50
30
300
4.30
27
300
0.75
2.25
250
2.55
250
2.85
250
3.45
250
4.25
250
0.80
2.20
41
200
2.50
36
200
2.80
34
200
3.40
31
200
4.20
28
200
0.85
2.15
150
2.45
150
2.75
150
3.35
150
4.15
150
0.90
2.10
42
100
2.40
38
100
2.70
34
100
3.30
31
100
4.10
28
100
0.95
2.05
2.35
2.65
3.25
50
4.05
50
1.00
2.00
43
68
2.30
40
61
2.60
35
56
3.20
32
49
4.00
28
44
1.05
1.95
2.25
2.55
3.15
3.95
1.10
1.90
46
72
2.20
41
63
2.50
36
58
3.10
32
50
3.90
29
45
1.15
1.85
2.15
2.45
3.05
3.85
1.20
1.80
48
75
2.10
42
65
2.40
38
59
3.00
32
51
3.80
29
46
1.25
1.75
2.05
2.35
2.95
3.75
1.30
1.70
51
81
2.00
43
68
2.30
40
61
2.90
33
52
3.70
29
47
1.35
1.65
1.95
2.25
2.85
3.65
1.40
1.60
54
87
1.90
46
72
2.20
41
63
2.80
34
53
3.60
30
47
1.45
1.55
1.85
2.15
2.75
3.55
1.50
1.50
57
92
1.80
48
75
2.10
42
65
2.70
34
54
3.50
30
48
1.55
1.45
61
94
1.75
2.05
2.65
3.45
1.60
1.40
63
97
1.70
51
81
2.00
43
68
2.60
35
56
3.40
31
48
1.65
1.35
67
104
1.65
1.95
2.55
3.35
1.70
1.30
70
113
1.60
54
87
1.90
46
72
2.50
36
58
3.30
31
49
1.75
1.25
74
131
1.55
1.85
2.45
3.25
1.80
1.20
79
154
1.50
57
92
1.80
48
75
2.40
38
59
3.20
32
49
DROPOUT VOLTAGE CHART
*1): Vgs is a Gate –Source voltage of the driver transistor that is defined as the value of VBIAS - VOUT (T).


Similar Part No. - XC6601B12BER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601B12BER TOREX-XC6601B12BER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601B12BER-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com