Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6701BB62ER Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6701BB62ER
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701BB62ER Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6701BB62ER Datasheet HTML 1Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 2Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 3Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 4Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 5Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 6Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 7Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 8Page - Torex Semiconductor XC6701BB62ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
XC6701
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
Fixed output voltage with CE function (High Active)
Type and Options of
Regulators
D
Fixed output voltage with no CE function
18 ~ 99
For the voltage within 1.8V ~9.9V;
e.g. 2.5V ⇒ 25
5.0V ⇒ 50
②③
Output Voltage
A ~ H, J
For the voltage above 10.0V;
e.g. 11.6V ⇒ B6
15.2V ⇒ F2
18.0V ⇒ J0
Output Voltage
Accuracy
2
Output voltage 100mV increments, within ±2% accuracy
e.g. 2.5V ⇒ ②=2, ③=5, ④=2
MR
SOT-25 ( for B type only)
PR
SOT-89 (for D type only)
PR
SOT-89-5 (for B type only)
ER
USP-6C (for B type only)
ER-G
USP-6C (for B type only) (Halogen & Antimony free)
(under development)
FR
SOT-223 (for D type only)
⑤⑥-⑦
Packages
Taping Type
(*2)
JR
TO-252 (for D type only)
XC6701①②③④⑤⑥-⑦
(*1)
■ PRODUCT CLASSIFICATION
●Ordering Information
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6701BB62ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701BB62ER TOREX-XC6701BB62ER Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701BB62ER-G TOREX-XC6701BB62ER-G Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6701BB62ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com