Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A18BER Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6601A18BER
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A18BER Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6601A18BER Datasheet HTML 1Page - Torex Semiconductor XC6601A18BER Datasheet HTML 2Page - Torex Semiconductor XC6601A18BER Datasheet HTML 3Page - Torex Semiconductor XC6601A18BER Datasheet HTML 4Page - Torex Semiconductor XC6601A18BER Datasheet HTML 5Page - Torex Semiconductor XC6601A18BER Datasheet HTML 6Page - Torex Semiconductor XC6601A18BER Datasheet HTML 7Page - Torex Semiconductor XC6601A18BER Datasheet HTML 8Page - Torex Semiconductor XC6601A18BER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3/33
XC6601
Series
(1)XC6601A Series
(2)XC6601B Series
VBIAS
CE
Voltage Reference
With
Soft Start
Error
Amp
-
+
CE
each
circuit
ON/OFF
Control
VIN
VSS
VOUT
R1
R2
Current
Limit
Thermal
Protection
Under Voltage
Lock Out
CE/
Rdischg
CE/
R pull-down
VBIAS
CE
Voltage Reference
With
Soft Start
Error
Amp
-
+
CE
each
circuit
ON/OFF
Control
VIN
VSS
VOUT
R1
R2
Current
Limit
Thermal
Protection
Under Voltage
Lock Out
CE/
Rdischg
CE/
BLOCK DIAGRAMS
(1) XC6601A Series
(2) XC6601B Series
*
Diodes inside the circuit are an ESD protection diode and a parasitic diode.


Similar Part No. - XC6601A18BER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A18BER TOREX-XC6601A18BER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A18BER

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com