Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A07BER Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6601A07BER
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A07BER Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6601A07BER Datasheet HTML 6Page - Torex Semiconductor XC6601A07BER Datasheet HTML 7Page - Torex Semiconductor XC6601A07BER Datasheet HTML 8Page - Torex Semiconductor XC6601A07BER Datasheet HTML 9Page - Torex Semiconductor XC6601A07BER Datasheet HTML 10Page - Torex Semiconductor XC6601A07BER Datasheet HTML 11Page - Torex Semiconductor XC6601A07BER Datasheet HTML 12Page - Torex Semiconductor XC6601A07BER Datasheet HTML 13Page - Torex Semiconductor XC6601A07BER Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10/33
XC6601 Series
E-4
DROPOUT VOLTAGE 4 (mV)
Vdif 4
VBIAS =3.0(V)
VBIAS =3.3(V)
VBIAS =3.6(V)
VBIAS =4.2(V)
VBIAS =5.0(V)
NOMINAL
OUTPUT
VOLTAGE (V)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
Vdif(mV)
VOUT (T)
Vgs
(*1)
(V)
TYP.
MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP. MAX.
Vgs
(V)
TYP.
MAX.
Vgs
(V)
TYP.
MAX.
0.70
2.30
189
300
2.60
157
300
2.90
146
300
3.50
129
300
4.30
116
300
0.75
2.25
2.55
2.85
3.45
250
4.25
250
0.80
2.20
195
277
2.50
164
272
2.80
150
250
3.40
131
246
4.20
118
231
0.85
2.15
2.45
2.75
3.35
4.15
0.90
2.10
201
277
2.40
170
272
2.70
153
250
3.30
134
246
4.10
119
231
0.95
2.05
2.35
2.65
3.25
4.05
1.00
2.00
206
277
2.30
189
272
2.60
157
250
3.20
136
246
4.00
121
231
1.05
1.95
2.25
2.55
3.15
3.95
1.10
1.90
218
277
2.20
195
272
2.50
164
250
3.10
139
246
3.90
125
231
1.15
1.85
227
2.15
272
2.45
250
3.05
246
3.85
231
1.20
1.80
231
334
2.10
201
277
2.40
170
248
3.00
142
215
3.80
128
189
1.25
1.75
2.05
2.35
2.95
3.75
1.30
1.70
248
376
2.00
206
296
2.30
189
255
2.90
146
219
3.70
128
191
1.35
1.65
1.95
2.25
2.85
3.65
1.40
1.60
264
418
1.90
218
315
2.20
195
266
2.80
150
224
3.60
129
193
1.45
1.55
1.85
2.15
2.75
3.55
1.50
1.50
281
460
1.80
231
334
2.10
201
277
2.70
153
228
3.50
129
195
1.55
1.45
1.75
2.05
2.65
3.45
1.60
1.40
-
-
1.70
248
376
2.00
206
296
2.60
157
234
3.40
131
198
1.65
1.35
1.65
1.95
2.55
3.35
1.70
1.30
-
-
1.60
264
418
1.90
218
315
2.50
164
241
3.30
134
202
1.75
1.25
1.55
1.85
2.45
3.25
1.80
1.20
-
-
1.50
281
460
1.80
231
334
2.40
170
248
3.20
136
205
*1): Vgs is a Gate –Source voltage of the driver transistor that is defined as the value of VBIAS - VOUT (T).
DROPOUT VOLTAGE CHART
(Continued)


Similar Part No. - XC6601A07BER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A07BER TOREX-XC6601A07BER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A07BER

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com