Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222A281ER-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6222A281ER-G
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222A281ER-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6222A281ER-G Datasheet HTML 6Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 7Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 8Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 9Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 10Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 11Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 12Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 13Page - Torex Semiconductor XC6222A281ER-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
XC6222 Series
TEST CIRCUITS
Circuit ①
Circuit ②
Circuit ③
*CIN: 1.0μF or higher
CL: 2.2μF or higher (VOUT=2.5~5.0V)
4.7μF or higher (VOUT=2.1~2.45V)
6.8μF or higher (VOUT=0.8~2.05V)


Similar Part No. - XC6222A281ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results

Similar Description - XC6222A281ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com