Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTD-P0603-42-1000-D Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # RTD-P0603-42-1000-D
Description  Platinum Temperature Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RTD-P0603-42-1000-D Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  RTD-P0603-42-1000-D Datasheet HTML 1Page - IRC - a TT electronics Company. RTD-P0603-42-1000-D Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
RTD Series Issue February 2006
Platinum Temperature
Sensor
RTD Series
High stability Platinum based sensor
High resolution, accuracy and interchangeability
Compatible with automatic placement equipment
Wide temperature range - Very fast response time
Surface mount package available with SnPb and Pb-free terminations
Electrical Data
Performance Data
The temperature
sensor is a conventional
thin film platinum RTD
in a surface mount
package designed for
temperature sensing,
over-temperature
protection and tempera-
ture compensation in
any application where
printed circuit board
temperature sensing is
desired.
Self Heating
P1206
P0805
P0603
0.13°C/mW
0.13°C/mW
0.14°C/mW
Available Resistances
100
Ω, 1.0KΩ
100
100
Resistance Tolerances
±0.5%, ±1%, ±2%, ±5%
Operating Temperature
Range
-55°C to +150°C
Temperature Coefficient
+3850 ppm/°C
Insulation Resistance
10M
Ω minimum at 25°C
Recommended Measuring
Current
≤1mA
Long term Stability (10,000
hours at 125°C)
<0.05%
Termination
60/40 SnPb or 100% Sn
Settling Response Time
P1206
P0805
P0603
Rapidly Stirred Oil
0.2s
(t
0.5)
0.6s
(t
0.9)
0.1s
(t
0.5)
0.4s
(t
0.9)
0.1s
(t
0.5)
0.4s
(t
0.9)
Air @ 1m/s
1.8s
(t
0.5)
6s
(t
0.9)
1.2s
(t
0.5)
4.2s
(t
0.9)
1.1s
(t
0.5)
3.7s
(t
0.9)
* Temperature coefficient in accordance with IEC751


Similar Part No. - RTD-P0603-42-1000-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTD-0505 RECOM-RTD-0505 Datasheet
115Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RTD-0505 RECOM-RTD-0505 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
RTD-0505 RECOM-RTD-0505 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTD-0505HP RECOM-RTD-0505HP Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
RTD-0505P RECOM-RTD-0505P Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
More results

Similar Description - RTD-P0603-42-1000-D

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
   Platinum Temperature Sensor
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
   Platinum Temperature Sensor
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
Vishay Siliconix
PTSAT VISHAY-PTSAT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS-AT VISHAY-PTS-AT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS VISHAY-PTS Datasheet
110Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS0603 VISHAY-PTS0603 Datasheet
134Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 29-Jan-08
logo
RHOPOINT COMPONENTS
51206902 RHOPOINT-51206902 Datasheet
147Kb / 1P
   Platinum Temperature Sensor CPT 100 SMD 1206
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
   Platinum Temperature Sensor SMD 1206 CPT 1000
logo
List of Unclassifed Man...
PPG501C1 ETC2-PPG501C1 Datasheet
87Kb / 1P
   PLATINUM RTD SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com