Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OARS3R005JLF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # OARS3R005JLF
Description  Open Air Sense Resistors Metal Alloy Strip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

OARS3R005JLF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  OARS3R005JLF Datasheet HTML 1Page - IRC - a TT electronics Company. OARS3R005JLF Datasheet HTML 2Page - IRC - a TT electronics Company. OARS3R005JLF Datasheet HTML 3Page - IRC - a TT electronics Company. OARS3R005JLF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
February 2009 Issue Page 2 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
OARS-3
Open Air Sense Resistors
Metal Alloy Strip
25
60
95
130
165
195
225
3.5
3.0
2.5
2.0
1.0
0.0
Ambient Temperature (°C)
Power Derating Curve
Environmental Data
Test Spec: AEC Q200
2m - 3m
4m - 15m
TCR +125 to -55°C
240ppm
40ppm
Thermal Shock
<0.75%
<0.75%
High Temperature Exposure 125°C
<1.75%
<0.5%
Temperature Cycling: -40 to +125°C
<1.0%
<1.0%
Operational Life
<2.0%
<1.0%
Baised Humidity
<0.75%
<0.5%
Mechanical Shock
<1.5%
<1.0%
Vibration
<1.0%
<1.0%
Moisture Resistance
<1.0
<2.5%
Terminal Strength
Meets JIS-C-6429
Solvent Resistance
Meets MIL-STD-202 Method 215
Solderability
Meets J-STD-002 Method B
Note:
The power derating curve is a guidance based on a con-
servative design model. The OARS is a solid metal alloy
construction that can withstand significantly greater operating
temperatures than conservative design models permit. The
resistive alloys can withstand temperatures in exess of 350°C.
Therefore, the system thermal design is a more significant
design parameter due to the heat limitations of solder joints
and/or circuit board substrate materials. Refer to additional
information below.
The thermal image (not a simulation) to the left is of an OARS
5 m
Ω running at 4 Watts, which exceeds the 1 Watt conserva-
tive model. Notice the hotpsot is nearly 230°C, but the solder
joint is approximately 110°C (FR4 is rated for 130°C). The
unique construction of the OARS isolates the hotspot from
the circuit board material preventing damage. Additionally,
the thermal energy is dissipated to the air instead of being
conducted into the circuit board potentially causing a nearby
power component to exceed its rating.
The standard test circuit board consists of a four layer FR4
material with 2 ounce outer layers and 1 ounce inner layers,
which is typical of many industry designs. Contact IRC for
more details or for other thermal image test data for specific
resistance values and power levels.
OARS R005 Thermal Image @ 4 Watts
Ambient conditions, No forced air.


Similar Part No. - OARS3R005JLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
More results

Similar Description - OARS3R005JLF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
   Open Air Sense Resistors Metal Alloy Strip
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
logo
Welwyn Components Limit...
ULR1 WELWYN-ULR1 Datasheet
430Kb / 3P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com